Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6201 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6201
Description  DMOS FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6201 Datasheet(HTML) 5 Page - STMicroelectronics

  L6201 Datasheet HTML 1Page - STMicroelectronics L6201 Datasheet HTML 2Page - STMicroelectronics L6201 Datasheet HTML 3Page - STMicroelectronics L6201 Datasheet HTML 4Page - STMicroelectronics L6201 Datasheet HTML 5Page - STMicroelectronics L6201 Datasheet HTML 6Page - STMicroelectronics L6201 Datasheet HTML 7Page - STMicroelectronics L6201 Datasheet HTML 8Page - STMicroelectronics L6201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
LOGIC CONTROL TO POWER DRIVE TIMING
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
t1 (Vi)
Source Current Turn-off Delay
Fig. 12
300
ns
t2 (Vi)
Source Current Fall Time
Fig. 12
200
ns
t3 (Vi)
Source Current Turn-on Delay
Fig. 12
400
ns
t4 (Vi)
Source Current Rise Time
Fig. 12
200
ns
t5 (Vi)
Sink Current Turn-off Delay
Fig. 13
300
ns
t6 (Vi)
Sink Current Fall Time
Fig. 13
200
ns
t7 (Vi)
Sink Current Turn-on Delay
Fig. 13
400
ns
t8 (Vi)
Sink Current Rise Time
Fig. 13
200
ns
(*) Limited by power dissipation
(**) In synchronous rectification the drain-source voltage drop VDS is shown in fig. 4 (L6202/03); typical value for the L6201 is of 0.3V.
Figure 1: Typical Normalized IS vs. Tj
Figure 3: Typical Normalized IS vs. VS
Figure 2: Typical Normalized Quiescent Current
vs. Frequency
Figure 4: Typical RDS (ON) vs. VS ~ Vref
L6201 - L6202 - L6203
5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com