Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2116DQ Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2116DQ
Description  2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2116DQ Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2116DQ Datasheet HTML 4Page - Monolithic Power Systems MP2116DQ Datasheet HTML 5Page - Monolithic Power Systems MP2116DQ Datasheet HTML 6Page - Monolithic Power Systems MP2116DQ Datasheet HTML 7Page - Monolithic Power Systems MP2116DQ Datasheet HTML 8Page - Monolithic Power Systems MP2116DQ Datasheet HTML 9Page - Monolithic Power Systems MP2116DQ Datasheet HTML 10Page - Monolithic Power Systems MP2116DQ Datasheet HTML 11Page - Monolithic Power Systems MP2116DQ Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP2116 –2A, 6V, 100% DUTY CYCLE SYNCHROOUS STEP-DOWN CONVERTER WITH 0.5A LDO
MP2116 Rev.1.0
www.MonolithicPower.com
8
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.6V, VOUT1=1.8V, VOUT2=1.2V, CIN1=10uF, CO1=22uF, CIN2=2.2uF, CO2=4.7uF, L=1uH, TA=25ºC,
unless otherwise noted.
1.5
1.4
1.3
1.2
1.1
1
2.5
2.3
2.1
1.9
1.7
1.5
-50
-10
70
110
150
30
-50
-10
70
110
150
30
-50
-10
70
110
150
30
VFB1
VFB2
D=100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com