Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2120 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2120
Description  2.5A, 5.5V Synchronous Step-Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2120 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2120 Datasheet HTML 1Page - Monolithic Power Systems MP2120 Datasheet HTML 2Page - Monolithic Power Systems MP2120 Datasheet HTML 3Page - Monolithic Power Systems MP2120 Datasheet HTML 4Page - Monolithic Power Systems MP2120 Datasheet HTML 5Page - Monolithic Power Systems MP2120 Datasheet HTML 6Page - Monolithic Power Systems MP2120 Datasheet HTML 7Page - Monolithic Power Systems MP2120 Datasheet HTML 8Page - Monolithic Power Systems MP2120 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2120
2.5A, 5.5V Synchronous
Step-Down Switching Regulator
MP2120 Rev. 0.92
www.MonolithicPower.com
1
9/7/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2120 is an internally compensated
1.5MHz fixed frequency PWM synchronous
step-down regulator. MP2120 operates from a
2.7V to 5.5V input and generates an output
voltage as low as 0.8V.
The MP2120 integrates an 80mΩ high-side
switch and a 60mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, the MP2120 based
solution delivers a very compact footprint with a
minimum component count.
The MP2120 is available in a small 3mm x 3mm
10-lead QFN package.
FEATURES
 2.5A Output Current
 Input Operation Range: 2.7V to 5.5V
 All Ceramic Capacitor Design
 Up to 95% Efficiency
 1.5MHz Fixed Switching Frequency
 Adjustable Output from 0.8V to 0.9xVIN
 Internal Soft-Start
 Frequency Synchronization Input
 Power Good Output
 Cycle-by-Cycle Current Limiting
 Hiccup Short Circuit Protection
 Thermal Shutdown
 3mm x 3mm 10-lead QFN Package
APPLICATIONS
 µP/ASIC/DSP/FPGA Core and I/O Supplies
 Printers and LCD TVs
 Network and Telecom Equipment
 Point of Load Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2120
BS
IN
FB
SW
EN/SYNC
POK
GND
VOUT
1.8V / 2.5
1.2
A
VIN
POK
OFF ON
C3
10nF
Efficiency vs.
Output Current
0
70
75
85
90
95
80
0.5
1
1.5
2
2.5
OUTPUT CURRENT (A)
5V to 2.5V
5V to 1.8V 5V to 3.3V


Similar Part No. - MP2120

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2122GJ MPS-MP2122GJ Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2122GJ MPS-MP2122GJ Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
MP2122GJ-P MPS-MP2122GJ-P Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - MP2120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com