Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2125 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2125
Description  Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2125 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2125 Datasheet HTML 1Page - Monolithic Power Systems MP2125 Datasheet HTML 2Page - Monolithic Power Systems MP2125 Datasheet HTML 3Page - Monolithic Power Systems MP2125 Datasheet HTML 4Page - Monolithic Power Systems MP2125 Datasheet HTML 5Page - Monolithic Power Systems MP2125 Datasheet HTML 6Page - Monolithic Power Systems MP2125 Datasheet HTML 7Page - Monolithic Power Systems MP2125 Datasheet HTML 8Page - Monolithic Power Systems MP2125 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2125
Dual 1.5A, 1.2MHz
Synchronous Step-Down Converter
MP2125 Rev. 1.0
www.MonolithicPower.com
1
12/24/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2125 is a fully integrated dual PWM
step-down converter with built-in internal power
MOSFETs. It is ideal for powering portable
equipment that runs from a single cell Lithium-
Ion (Li+) Battery, with an input range from 2.7V
to 6V. The MP2125 can provide up to 1.5A of
load current with output voltage as low as 0.8V
for each output. It can also operate at 100%
duty cycle for low dropout applications.
With peak current mode control and internal
compensation, the MP2125 is stable with
ceramic capacitors and small inductors.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown.
MP2125 is available in the small 14-pin
3mmx4mm QFN package.
FEATURES
• 2.7V-6V Input Operation Range
• Each Output Adjustable from 0.8V to VIN
• 1uA Shutdown Current
• Up to 92% Efficiency
• 100% Duty Cycle for Low Dropout
Applications
• Fixed 1.2MHz Frequency
• Stable with Low ESR Output Ceramic
Capacitors
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown
• Short Circuit Protection
• Available
in
14-pin
3mmx4mm
QFN
package
APPLICATIONS
•
Solid State Disk
•
DVD+/-RW Drivers
•
Smart Phones
•
PDAs
•
Digital Cameras
•
Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2125
1
2
3
4
7
11
13
14
FB1
FB2
EN1
GND2
GND1
VIN1
12
8
6
9
10
5
SW1
SW2
PVIN1
EN2
PVIN2
VIN2
N/C
Vin1
2.7V-6V
Vin2
2.7V-6V
C1
C2
EN1
EN2
L1
L2
1.8V/1.5A
1.8V/1.5A
C3
C4
Vout1
R1
R2
R3
Rt
Rt
R4
Vout2
N/C
Efficiency Curve
0
10
20
30
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
OUTPUT CURRENT (A)
Vin=3V
Vin=5V
Vin=6V


Similar Part No. - MP2125

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP2125-BK1-60 MULTICOMP-MP2125-BK1-60 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
MP2125-CL1-60 MULTICOMP-MP2125-CL1-60 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
MP2125-GY1-60 MULTICOMP-MP2125-GY1-60 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
More results

Similar Description - MP2125

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2109 MPS-MP2109 Datasheet
298Kb / 8P
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
MP2109 MPS-MP2109_06 Datasheet
313Kb / 8P
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8012A RICHTEK-RT8012A Datasheet
276Kb / 14P
Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8023 RICHTEK-RT8023 Datasheet
391Kb / 19P
1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com