Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2144 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2144
Description  2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2144 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2144 Datasheet HTML 1Page - Monolithic Power Systems MP2144 Datasheet HTML 2Page - Monolithic Power Systems MP2144 Datasheet HTML 3Page - Monolithic Power Systems MP2144 Datasheet HTML 4Page - Monolithic Power Systems MP2144 Datasheet HTML 5Page - Monolithic Power Systems MP2144 Datasheet HTML 6Page - Monolithic Power Systems MP2144 Datasheet HTML 7Page - Monolithic Power Systems MP2144 Datasheet HTML 8Page - Monolithic Power Systems MP2144 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2144
2A, 5.5V, 1.2MHz, 40μA IQ, COT
Synchronous Step Down Switcher
MP2144 Rev. 1.03
www.MonolithicPower.com
1
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2144 is a monolithic, step-down, switch-
mode converter with internal power MOSFETs.
It can achieve up to 2A continuous output
current from a 2.5V–to-5.5V input voltage with
excellent load and line regulation. The output
voltage can be regulated to as low as 0.6V.
The constant-on-time control scheme provides
fast transient response and eases loop
stabilization. Fault condition protections include
cycle-by-cycle current limiting and thermal
shutdown.
The MP2144 is available in small TSOT23-8
package and requires only a minimal number of
readily available standard external components.
The MP2144 is ideal for a wide range of
applications including high-performance DSPs,
FPGAs, smartphones, portable instruments,
and DVD drivers.
FEATURES
• Wide 2.5V-to-5.5V Operating Input Range
• Output Voltage as Low as 0.6V
• 100% Duty Cycle in Dropout
• Up to 2A Output Current
• Low IQ: 40µA
• 90mΩ and 60mΩ Internal Power MOSFET
Switches
• Default 1.2MHz Switching Frequency
• EN and Power-Good for Power Sequencing
• Cycle-by-Cycle Over-Current Protection
• Auto Discharge at Power-Off
• Short-Circuit Protect with Hiccup Mode
• Stable with Low-ESR Output Ceramic
Capacitors
• Available in a TSOT23-8 Package
APPLICATIONS
• Low Voltage I/O System Power
• Handheld/Battery-powered Systems
• Wireless/Networking Cards
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2144
GND
FB
VIN
C1
10 F
EN
VIN
2.5V to 5.5V
VOUT
1.2V/2A
SW
C2
10
3
2
8
1
5
R1
200
R2
200k
PG
EN
PG
4,6
OUT
7
L1
1
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10


Similar Part No. - MP2144

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MP214 SELEC-MP214 Datasheet
279Kb / 1P
Digital Power Factor Meter
logo
Monolithic Power System...
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141NGTF MPS-MP2141NGTF Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141NGTF MPS-MP2141NGTF Datasheet
357Kb / 8P
1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
MP2141NGTF-15 MPS-MP2141NGTF-15 Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
More results

Similar Description - MP2144

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com