Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2205ADL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2205ADL
Description  16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2205ADL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2205ADL Datasheet HTML 6Page - Monolithic Power Systems MP2205ADL Datasheet HTML 7Page - Monolithic Power Systems MP2205ADL Datasheet HTML 8Page - Monolithic Power Systems MP2205ADL Datasheet HTML 9Page - Monolithic Power Systems MP2205ADL Datasheet HTML 10Page - Monolithic Power Systems MP2205ADL Datasheet HTML 11Page - Monolithic Power Systems MP2205ADL Datasheet HTML 12Page - Monolithic Power Systems MP2205ADL Datasheet HTML 13Page - Monolithic Power Systems MP2205ADL Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP2205A – 16V, 2.5A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2205A Rev. 0.9
www.MonolithicPower.com
13
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
Figure 3—Typical Application Circuit of MP2205A
Vin
9V to 16V
Vout
5V/2.5A
C3
47uF
R1
10k
R2
1.91k
L1
1uH
C5
100nF
C2
22uF
R3
100k
R4
10k
C4
1uF
D1
B0530
C1
22uF
D2
B0530
Z1
4.7V
Q1
MMBT3904
BS
5,10
4,11
14
1,3,12
8
13
IN
Vcc
SW
EN/SYNC
FB
AGND/PGND
MP2205A
2
9
POK
N/C
R5
100k
Figure 4—MP2205A with a Vcc Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com