Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2207DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2207DQ
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2207DQ Datasheet HTML 1Page - Monolithic Power Systems MP2207DQ Datasheet HTML 2Page - Monolithic Power Systems MP2207DQ Datasheet HTML 3Page - Monolithic Power Systems MP2207DQ Datasheet HTML 4Page - Monolithic Power Systems MP2207DQ Datasheet HTML 5Page - Monolithic Power Systems MP2207DQ Datasheet HTML 6Page - Monolithic Power Systems MP2207DQ Datasheet HTML 7Page - Monolithic Power Systems MP2207DQ Datasheet HTML 8Page - Monolithic Power Systems MP2207DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP2207 – 16V, 4A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2207 Rev. 0.92
www.MonolithicPower.com
2
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP2207DQ
QFN10 (3mm x 3mm)
S9
–40
°C to +85°C
Part Number**
Package
Top Marking
Temperature
MP2207DN
SOIC8E
MP2207DN
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2207DQ–Z). For RoHS Compliant Packaging, add suffix –LF (eg.
MP2207DQ–LF–Z)
** For Tape & Reel, add suffix –Z (eg. MP2207DN–Z). For RoHS Compliant Packaging, add suffix –LF (eg.
MP2207DN–LF–Z)
PACKAGE REFERENCE
TOP VIEW
FB
GND
SW
IN
BS
1
2
3
4
5
EN/SYNC
GND
SW
IN
VCC
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
FB
GND
IN
BS
EN/SYNC
SW
SW
VCC
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
QFN10
SOIC8E
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND ....................................–0.3V to +18V
SW to GND .......................... –0.5V to VIN + 0.3V
.............................-2.5V to VIN + 2.5V for < 50ns
FB, EN/SYNC, VCC to GND.......... –0.3V to +6.5V
BS to SW ....................................–0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
QFN10 (3mm x 3mm) ................................ 2.5W
SOIC8E...................................................... 2.5W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............ –65°C TO +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................3V to 16V
Bias Voltage VCC ...................................3V to 6V
Output Voltage VOUT..................0.8V to 0.9 x VIN
Operating Temperature..............–40°C to +85°C
Thermal Resistance
(4)
θJA
θJC
QFN10 (3mm x 3mm)............. 50 ...... 12...
°C/W
SOIC8E .................................. 50 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com