Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2208 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2208
Description  16V, 4A, 600kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2208 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2208 Datasheet HTML 6Page - Monolithic Power Systems MP2208 Datasheet HTML 7Page - Monolithic Power Systems MP2208 Datasheet HTML 8Page - Monolithic Power Systems MP2208 Datasheet HTML 9Page - Monolithic Power Systems MP2208 Datasheet HTML 10Page - Monolithic Power Systems MP2208 Datasheet HTML 11Page - Monolithic Power Systems MP2208 Datasheet HTML 12Page - Monolithic Power Systems MP2208 Datasheet HTML 13Page - Monolithic Power Systems MP2208 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP2208 – 16V, 4A, 600KHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2208 Rev. 0.92
www.MonolithicPower.com
13
5/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
Vout
1.8V/4A
7
Vin
3V to 16V
C3
47uF
R1
499k
R2
402k
L1
3.3uH
C5
100nF
C2
22uF
R3
100k
R4
10
C4
1uF
D1
B0530
Vcc
2.5V to 6V
C1
22uF
POK
SS
R5
100k
C6
10nF
BS
5,10
4,11
14
1,3,12
8
13
IN
Vcc
SW
EN/SYNC
FB
AGND/PGND
MP2208
2
9
Figure 3―Typical Application Circuit of MP2208
Vin
9V to 16V
Vout
5V/4A
C3
47uF
R1
499k
R2
95.3k
L1
4.7uH
C5
100nF
C2
22uF
R3
100k
R4
10k
C4
1uF
D1
B0530
C1
22uF
D2
B0530
Z1
4.7V
Q1
MMBT3904
BS
5,10
4,11
14
1,3,12
8
13
IN
Vcc
SW
EN/SYNC
FB
AGND/PGND
MP2208
2
9
C6
10nF
POK
SS
R5
100k
Figure 4―MP2208 with a Vcc Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com