Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2208DL Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2208DL
Description  16V, 4A, 600kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2208DL Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2208DL Datasheet HTML 4Page - Monolithic Power Systems MP2208DL Datasheet HTML 5Page - Monolithic Power Systems MP2208DL Datasheet HTML 6Page - Monolithic Power Systems MP2208DL Datasheet HTML 7Page - Monolithic Power Systems MP2208DL Datasheet HTML 8Page - Monolithic Power Systems MP2208DL Datasheet HTML 9Page - Monolithic Power Systems MP2208DL Datasheet HTML 10Page - Monolithic Power Systems MP2208DL Datasheet HTML 11Page - Monolithic Power Systems MP2208DL Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP2208 – 16V, 4A, 600KHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2208 Rev. 0.92
www.MonolithicPower.com
8
5/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
PWM Control
The MP2208 is a constant frequency peak-
current-mode control PWM switching regulator.
Refer to the functional block diagram. The high
side N-Channel DMOS power switch turns on at
the beginning of each clock cycle. The current in
the inductor increases until the PWM current
comparator trips to turn off the high side DMOS
switch. The peak inductor current at which the
current comparator shuts off the high side power
switch is controlled by the COMP voltage at the
output
of
feedback
error
amplifier.
The
transconductance from the COMP voltage to the
output current is set at 11.25A/V.
This current-mode control greatly simplifies the
feedback compensation design by approximating
the switching converter as a single-pole system.
Only Type II compensation network is needed,
which is integrated into the MP2208. The loop
bandwidth is adjusted by changing the upper
resistor value of the resistor divider at the FB pin.
The internal compensation in the MP2208
simplifies the compensation design, minimizes
external component counts, and keeps the
flexibility of external compensation for optimal
stability and transient response.
Enable and Frequency Synchronization
(EN/SYNC PIN)
This is a dual function input pin. Forcing this pin
below 0.4V for longer than 4us shuts down the
part; forcing this pin above 1.6V for longer than
4μs turns on the part. Applying a 0.5MHz to
2MHz clock signal to this pin also synchronizes
the internal oscillator frequency to the external
clock. When the external clock is used, the part
turns on after detecting the first few clocks
regardless of duty cycles. If any ON or OFF
period of the clock is longer than 4μs, the signal
will be intercepted as an enable input and
disables the synchronization. For automatic start
up, connect this pin to VCC with a pull-up resistor;
don’t apply a voltage more than VCC to this pin.
Soft-Start and Output Pre-Bias Startup
The soft start time can be adjusted by connecting
a capacitor from this pin to ground. When the
soft-start period starts, an internal 5μA current
source begins charging the external capacitor.
During soft-start, the voltage on the soft-start
capacitor is connected to the non-inverting input
of the error amplifier. The soft-start period lasts
until the voltage on the soft-start capacitor
exceeds the reference voltage of 0.8V. At this
point the reference voltage takes over at the no
inverting error amplifier input. The soft-start time
can be calculated as follows:
0.8V C (nF)
ss
t(ms) =
ss
5μA
If the output of the MP2208 is pre-biased to a
certain voltage during startup, the IC will disable
the switching of both high-side and low-side
switches until the voltage on the internal soft-start
capacitor exceeds the sensed output voltage at
the FB pin.
Over Current Protection
The MP2208 offers cycle-to-cycle current limiting
for both high-side and low-side switches. The
high-side current limit is relatively constant
regardless of duty cycles. When the output is
shorted to ground, causing the output voltage to
drop below 50% of its nominal output, the IC is
shut down momentarily and begins discharging
the soft start capacitor. It will restart with a full
soft-start when the soft-start capacitor is fully
discharged. This hiccup process is repeated until
the fault is removed.
Power Good Output (POK pin)
The MP2208 includes an open-drain power good
output that indicates whether the regulator output
is within ±10% of its nominal output. When the
output voltage moves outside this range, the
POK output is pulled to ground. There is a 30μs
deglitch time when POK output change its state.
Connect this pin to VCC through a pull-up resistor
to get a proper power good output.
Bootstrap (BST PIN)
The gate driver for the high-side N-channel
DMOS power switch is supplied by a bootstrap
capacitor connected between the BS and SW
pins. When the low-side switch is on, the
capacitor is charged through an internal boost
diode. When the high-side switch is off and the
high-side switch turns on, the voltage on the
bootstrap capacitor is boosted above the input
voltage and the internal bootstrap diode prevents
the capacitor from discharging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com