Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2209DL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2209DL
Description  16V, 2A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2209DL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2209DL Datasheet HTML 1Page - Monolithic Power Systems MP2209DL Datasheet HTML 2Page - Monolithic Power Systems MP2209DL Datasheet HTML 3Page - Monolithic Power Systems MP2209DL Datasheet HTML 4Page - Monolithic Power Systems MP2209DL Datasheet HTML 5Page - Monolithic Power Systems MP2209DL Datasheet HTML 6Page - Monolithic Power Systems MP2209DL Datasheet HTML 7Page - Monolithic Power Systems MP2209DL Datasheet HTML 8Page - Monolithic Power Systems MP2209DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP2209 – 16V, 2A, 600KHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2209 Rev. 1.01
www.MonolithicPower.com
5
7/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5V, VOUT = 1.8V, TA = +25ºC, unless otherwise noted.
VIN=5V,IO=0A
Switching Waveform
VIN=12V,IO=0A
Enable Start-up
VIN=12V,IO=2A
Enable Start-up
VIN=12V,IO=0A
Switching Waveform
VO/AC
10mV/div.
IL
500mA/div.
VSW
2V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VO
1V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VO
1V/div.
VO/AC
10mV/div.
500mA/div.
VSW
5V/div.
VIN=12V,IO=0A
Enable Shut-down
Enable Shut-down
VIN=12V,IO=2A
VEN
5V/div.
VSW
10V/div.
IL
1A/div.
VO
1V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VO
1V/div.
400ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com