Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2212 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2212
Description  16V, 3A, 600kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2212 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2212 Datasheet HTML 6Page - Monolithic Power Systems MP2212 Datasheet HTML 7Page - Monolithic Power Systems MP2212 Datasheet HTML 8Page - Monolithic Power Systems MP2212 Datasheet HTML 9Page - Monolithic Power Systems MP2212 Datasheet HTML 10Page - Monolithic Power Systems MP2212 Datasheet HTML 11Page - Monolithic Power Systems MP2212 Datasheet HTML 12Page - Monolithic Power Systems MP2212 Datasheet HTML 13Page - Monolithic Power Systems MP2212 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP2212 – 16V, 3A, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2212 Rev. 1.01
www.MonolithicPower.com
11
2/22/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Inner Layer2
Bottom Layer
Figure2―Recommended PCB Layout of MP2212DQ
Top Layer
Bottom Layer
Figure 3―Recommended PCB Layout of MP2212DN
TYPICAL APPLICATION CIRCUITS
MP2212
BS
IN
FB
SW
1
3, 8
10
6
5
2, 9
4, 7
EN/SYNC
VCC
GND
VOUT
5V / 3A
C5
390pF
VIN
VCC
OFF ON
C3
100nF
Figure 4—5V VOUT Application Circuit with a 390pF Feed-forward Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com