Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2214DL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2214DL
Description  16V, 4A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2214DL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2214DL Datasheet HTML 3Page - Monolithic Power Systems MP2214DL Datasheet HTML 4Page - Monolithic Power Systems MP2214DL Datasheet HTML 5Page - Monolithic Power Systems MP2214DL Datasheet HTML 6Page - Monolithic Power Systems MP2214DL Datasheet HTML 7Page - Monolithic Power Systems MP2214DL Datasheet HTML 8Page - Monolithic Power Systems MP2214DL Datasheet HTML 9Page - Monolithic Power Systems MP2214DL Datasheet HTML 10Page - Monolithic Power Systems MP2214DL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP2214 – 16V, 4A, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2214 Rev. 0.9
www.MonolithicPower.com
7
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
VCC Power Supply
VCC is the power supply of both the internal control
circuit and the gate drivers.
Generally, the VCC power supply could be provided
directly by a proper power rail or generated from
other VCC generation circuits. For instance, Figure4
shows a typical VCC generation circuit for VOUT=5V
application.
It is noteworthy that the voltage applied on the VCC
pin should never be higher than 6V.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Figure1). For typical applications,
choose R2 to be 10kΩ, R1 is then given by:
)
1
8
.
0
(
2
1
−
=
V
V
R
R
OUT
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT (V) R1 (kΩ) R2 (kΩ)
L (μH)
COUT
(ceramic)
1.2
5
10
1μH-4.7μH
47μF
1.5
8.75
10
1μH-4.7μH
47μF
1.8
12.5
10
1μH-4.7μH
47μF
2.5
21.25
10
1μH-4.7μH
47μF
3.3
31.25
10
1μH-4.7μH
47μF
Selecting the Inductor
A 1µH to 4.7µH inductor with DC current rating at
least 25% higher than the maximum load current
is recommended for most applications. For best
efficiency, the inductor DC resistance shall be
<10mΩ. See Table 2 for recommended inductors
and manufacturers. For most designs, the
inductance value can be derived from the
following equation:
OUT
IN
OUT
IN
L
OSC
Vx(V
V
)
L
Vx I xf
−
=
Δ
where ∆IL is Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum load current, 4A. The maximum
inductor peak current is:
L
L(MAX)
LOAD
I
II
2
Δ
=+
Under light load conditions, larger inductance is
recommended for improved efficiency
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at the
switching frequency shall be less than input
source impedance to prevent high frequency
switching current passing to the input. Ceramic
capacitors with X5R or X7R dielectrics are highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 47µF capacitor is sufficient.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance
(μH)
Max
DCR
(mΩ)
Current
Rating
(A)
Dimensions
L x W x H (mm3)
TOKO
FDA1055-3R3M
3.3
7.3
11.7
10.8x11.6x5.5
Wurth Electronics
744314330
3.3
9.6
8
7x6.9x5
TDK
ULF100457-3R3N6R9
3.3
11.6
7.5
10x9.7x4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com