Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2249DN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2249DN
Description  1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2249DN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2249DN Datasheet HTML 4Page - Monolithic Power Systems MP2249DN Datasheet HTML 5Page - Monolithic Power Systems MP2249DN Datasheet HTML 6Page - Monolithic Power Systems MP2249DN Datasheet HTML 7Page - Monolithic Power Systems MP2249DN Datasheet HTML 8Page - Monolithic Power Systems MP2249DN Datasheet HTML 9Page - Monolithic Power Systems MP2249DN Datasheet HTML 10Page - Monolithic Power Systems MP2249DN Datasheet HTML 11Page - Monolithic Power Systems MP2249DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP2249 – 6V, 3A, 1MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2249 Rev.1.0
www.MonolithicPower.com
12
11/2/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
SOIC8E (exposed pad)
SEE DETAIL"A"
0. 0075(0.19)
0. 0098(0.25)
0.050(1.27)
BSC
0.013(0.33)
0.020(0.51)
SEATING PLANE
0.000(0.00)
0.005(0.125)
0.051(1.30)
0.067(1.70)
TOP VIEW
FRONT VIEW
SIDE VIEW
BOTTOM VIEW
NOTE:
1)
CONTROL DIMENSION IS IN INCHES
. DIMENSION IN
BRACKET IS IN MILLIMETERS
.
2)
PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH
,
PROTRUSIONS OR GATE BURRS
.
3)
PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSIONS
.
4) LEAD COPLANARITY
(
BOTTOM OF LEADS AFTER FORMING
)
SHALL BE
0.004" INCHES MAX
.
5)
DRAWING CONFORMS TO JEDEC MS
-012, VARIATION BA
.
6) DRAWING IS NOT TO SCALE
.
0.089(2.26)
0.101(2.56)
0.124(3.15)
0.136(3.45)
RECOMMENDED LAND PATTERN
0.213(5.40)
0.063(1.60)
0.050(1.27)
0.024(0.61)
0.103(2.62)
0.138(3.51)
0.150(3.80)
0.157(4.00)
PIN 1ID
0.189(4.80)
0.197(5.00)
0.228(5.80)
0.244(6.20)
14
85
0.016(0.41)
0.050(1.27)
0o-8o
DETAIL"A"
0.010(0.25)
0.020(0.50)
x45o
0.010(0.25) BSC
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com