Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3891 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3891
Description  LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3891 Datasheet(HTML) 4 Page - Texas Instruments

  LP3891 Datasheet HTML 1Page - Texas Instruments LP3891 Datasheet HTML 2Page - Texas Instruments LP3891 Datasheet HTML 3Page - Texas Instruments LP3891 Datasheet HTML 4Page - Texas Instruments LP3891 Datasheet HTML 5Page - Texas Instruments LP3891 Datasheet HTML 6Page - Texas Instruments LP3891 Datasheet HTML 7Page - Texas Instruments LP3891 Datasheet HTML 8Page - Texas Instruments LP3891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LP3891
SNVS235D – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, VBIAS = 4.5V, IL = 10 mA, CIN = COUT = 10 µF, VS/D = VBIAS.
Typical
Symbol
Parameter
Conditions
MIN (1)
MAX (1)
Units
(2)
VO
Output Voltage Tolerance
10 mA
≤ IL ≤ 0.8A, VO(NOM) + 1V ≤ VIN
1.198
1.234
1.216
5.5V,
1.186
1.246
4.5V
≤ VBIAS ≤ 6V
1.478
1.522
1.5
V
1.455
1.545
1.773
1.827
1.8
1.746
1.854
ΔVO/ΔVIN
Output Voltage Line Regulation (3)
VO(NOM) + 1V ≤ VIN ≤ 5.5V
0.01
%/V
ΔVO/ΔIL
Output Voltage Load Regulation(4)
10 mA
≤ IL ≤ 0.8A
0.04
%/A
(5)
0.06
VDO
Dropout Voltage (6)
IL = 0.8A (TO220 and TO263 only)
300
100
400
mV
IL = 0.8A (SO PowerPAD only)
320
115
430
IQ(VIN)
Quiescent Current Drawn from VIN 10 mA ≤ IL ≤ 0.8A
7
3
mA
Supply
8
VS/D ≤ 0.3V
1
0.03
µA
30
IQ(VBIAS)
Quiescent Current Drawn from
10 mA
≤ IL ≤ 0.8A
2
1
mA
VBIAS Supply
3
VS/D ≤ 0.3V
1
0.03
µA
30
ISC
Short-Circuit Current
VOUT = 0V
2.5
A
Shutdown Input
VSDT
Output Turn-off Threshold
Output = ON
1.3
0.7
V
Output = OFF
0.7
0.3
Td (OFF)
Turn-OFF Delay
RLOAD X COUT << Td (OFF)
20
µs
Td (ON)
Turn-ON Delay
RLOAD X COUT << Td (ON)
15
IS/D
S/D Input Current
VS/D =1.3V
1
µA
VS/D ≤ 0.3V
−1
AC Parameters
PSRR (VIN)
Ripple Rejection for VIN Input
VIN = VOUT +1V, f = 120 Hz
80
Voltage
VIN = VOUT + 1V, f = 1 kHz
65
dB
PSRR
Ripple Rejection for VBIAS Voltage
VBIAS = VOUT + 3V, f = 120 Hz
70
(VBIAS)
VBIAS = VOUT + 3V, f = 1 kHz
65
Output Noise Density
f = 120 Hz
µV/root
1
Hz
en
Output Noise Voltage
BW = 10 Hz
− 100 kHz, VOUT = 1.8V
150
µV (rms)
BW = 300 Hz
− 300 kHz, VOUT = 1.8V
90
(1)
Limits are specified through testing, statistical correlation, or design.
(2)
Typical numbers represent the most likely parametric norm for 25°C operation.
(3)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(4)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to
ground.
(5)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from no load
to full load.
(6)
Dropout voltage is defined as the minimum input to output differential required to maintain the output with 2% of nominal value. The SO
PowerPAD-8 package devices have a slightly higher dropout voltage due to increased band wire resistance.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com