Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3892 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3892
Description  LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3892 Datasheet(HTML) 1 Page - Texas Instruments

  LP3892 Datasheet HTML 1Page - Texas Instruments LP3892 Datasheet HTML 2Page - Texas Instruments LP3892 Datasheet HTML 3Page - Texas Instruments LP3892 Datasheet HTML 4Page - Texas Instruments LP3892 Datasheet HTML 5Page - Texas Instruments LP3892 Datasheet HTML 6Page - Texas Instruments LP3892 Datasheet HTML 7Page - Texas Instruments LP3892 Datasheet HTML 8Page - Texas Instruments LP3892 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP3892
www.ti.com
SNVS236D – SEPTEMBER 2003 – REVISED APRIL 2013
LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
Check for Samples: LP3892
1
FEATURES
DESCRIPTION
The LP3892 is a high current, fast response regulator
2
•
Ultra Low Dropout Voltage (140 mV at 1.5A
which can maintain output voltage regulation with
typ)
minimum input to output voltage drop. Fabricated on
•
Low Ground Pin Current
a CMOS process, the device operates from two input
•
Load Regulation of 0.04%/A
voltages: Vbias provides voltage to drive the gate of
the N-MOS power transistor, while Vin is the input
•
60 nA Typical Quiescent Current in Shutdown
voltage which supplies power to the load. The use of
•
1.5% Output Accuracy (25°C)
an external bias rail allows the part to operate from
•
TO-220, DDPAK/TO-263 and SO PowerPAD-8
ultra low Vin voltages. Unlike bipolar regulators, the
Packages
CMOS
architecture
consumes
extremely
low
quiescent current at any output load current. The use
•
Over Temperature/Over Current Protection
of an N-MOS power transistor results in wide
•
−40°C to +125°C Junction Temperature Range
bandwidth, yet minimum external capacitance is
required to maintain loop stability.
APPLICATIONS
The fast transient response of these devices makes
•
DSP Power Supplies
them
suitable
for
use
in
powering
DSP,
Microcontroller Core voltages and Switch Mode
•
Server Core and I/O Supplies
Power Supply post regulators. The parts are available
•
PC Add-in-Cards
in TO-220, DDPAK/TO-263 and SO PowerPAD-8
•
Local Regulators in Set-Top Boxes
packages.
•
Microcontroller Power Supplies
Dropout Voltage:140mV (typ) at 1.5A load current.
•
High Efficiency Power Supplies
Ground Pin Current: 3 mA (typ) at full load.
•
SMPS Post-Regulators
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature
accuracy.
TYPICAL APPLICATION CIRCUIT
At least 10 µF of input and output capacitance is required for stability.
*Tantalum capacitors are recommended. Aluminum electrolytic capacitors may be used for restricted temperature
range. See application hints.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3892

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI2-LP3892 Datasheet
1Mb / 19P
LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
LP3892EMR-1.2/NOPB TI1-LP3892EMR-1.2/NOPB Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892EMR-1.2/NOPB TI2-LP3892EMR-1.2/NOPB Datasheet
1Mb / 19P
LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
More results

Similar Description - LP3892

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3882 NSC-LP3882 Datasheet
326Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3855-ADJ NSC-LP3855-ADJ Datasheet
712Kb / 16P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3882EMR-12 TI1-LP3882EMR-12 Datasheet
1Mb / 19P
LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com