Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV321M5 Datasheet(PDF) 15 Page - Texas Instruments

Part # LPV321M5
Description  LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M5 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LPV321M5 Datasheet HTML 11Page - Texas Instruments LPV321M5 Datasheet HTML 12Page - Texas Instruments LPV321M5 Datasheet HTML 13Page - Texas Instruments LPV321M5 Datasheet HTML 14Page - Texas Instruments LPV321M5 Datasheet HTML 15Page - Texas Instruments LPV321M5 Datasheet HTML 16Page - Texas Instruments LPV321M5 Datasheet HTML 17Page - Texas Instruments LPV321M5 Datasheet HTML 18Page - Texas Instruments LPV321M5 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LPV321, LPV324-N, LPV358-N
www.ti.com
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
Figure 48. Simple Low-Pass Active Filter
(5)
Figure 49. Frequency Response of Simple Low-pass Active Filter in Figure 9
Note that the single-op-amp active filters are used in to the applications that require low quality factor, Q (
≤ 10),
low frequency (
≤ 5 kHz), and low gain (≤ 10), or a small value for the product of gain times Q (≤ 100). The op
amp should have an open loop voltage gain at the highest frequency of interest at least 50 times larger than the
gain of the filter at this frequency. In addition, the selected op amp should have a slew rate that meets the
following requirement:
Slew Rate
≥ 0.5 x (ωHV OPP) X 10
−6V/µsec
where
•
ωH is the highest frequency of interest
•
VOPP is the output peak-to-peak voltage
(6)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LPV321 LPV324-N LPV358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com