Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV321M7 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LPV321M7
Description  LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M7 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV321M7 Datasheet HTML 10Page - Texas Instruments LPV321M7 Datasheet HTML 11Page - Texas Instruments LPV321M7 Datasheet HTML 12Page - Texas Instruments LPV321M7 Datasheet HTML 13Page - Texas Instruments LPV321M7 Datasheet HTML 14Page - Texas Instruments LPV321M7 Datasheet HTML 15Page - Texas Instruments LPV321M7 Datasheet HTML 16Page - Texas Instruments LPV321M7 Datasheet HTML 17Page - Texas Instruments LPV321M7 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LPV321, LPV324-N, LPV358-N
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Two-op-amp Instrumentation Amplifier
A two-op-amp instrumentation amplifier can also be used to make a high-input-impedance DC differential
amplifier (Figure 46). As in the three-op-amp circuit, this instrumentation amplifier requires precise resistor
matching for good CMRR. R4 should equal to R1 and R3 should equal R2.
Figure 46. Two-op-amp Instrumentation Amplifier
(2)
Single-Supply Inverting Amplifier
There may be cases where the input signal going into the amplifier is negative. Because the amplifier is
operating in single supply voltage, a voltage divider using R3 and R4 is implemented to bias the amplifier so the
input signal is within the input common-common voltage range of the amplifier. The capacitor C1 is placed
between the inverting input and resistor R1 to block the DC signal going into the AC signal source, VIN. The
values of R1 and C1 affect the cutoff frequency,
fc = 1/2
π R 1C1
(3)
As a result, the output signal is centered around mid-supply (if the voltage divider provides V+/2 at the non-
inverting input). The output can swing to both rails, maximizing the signal-to-noise ratio in a low voltage system.
Figure 47. Single-Supply Inverting Amplifier
(4)
Active Filter
Simple Low-Pass Active Filter
The simple low-pass filter is shown in Figure 48. Its low-frequency gain(
ω → o) is defined by −R3/R1. This allows
low-frequency gains other than unity to be obtained. The filter has a
−20 dB/decade roll-off after its corner
frequency fc. R2 should be chosen equal to the parallel combination of R1 and R3 to minimize errors due to bais
current. The frequency response of the filter is shown in Figure 49
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LPV321 LPV324-N LPV358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com