Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP8N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP8N80K5
Description  N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP8N80K5 Datasheet HTML 1Page - STMicroelectronics STP8N80K5 Datasheet HTML 2Page - STMicroelectronics STP8N80K5 Datasheet HTML 3Page - STMicroelectronics STP8N80K5 Datasheet HTML 4Page - STMicroelectronics STP8N80K5 Datasheet HTML 5Page - STMicroelectronics STP8N80K5 Datasheet HTML 6Page - STMicroelectronics STP8N80K5 Datasheet HTML 7Page - STMicroelectronics STP8N80K5 Datasheet HTML 8Page - STMicroelectronics STP8N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
March 2013
DocID023544 Rev 4
1/16
16
STP8N80K5,
STU8N80K5
N-channel 800 V, 0.8
Ω typ., 6 A Zener-protected SuperMESH™ 5
Power MOSFET in TO-220 and IPAK packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These N-channel Zener-protected Power
MOSFETs are designed using ST’s revolutionary
avalanche-rugged very high voltage
SuperMESH™ 5 technology, based on an
innovative proprietary vertical structure. The
result is a dramatic reduction in on-resistance,
and ultra-low gate charge for applications which
require superior power density and high
efficiency.
D(2,TAB)
G(1)
S(3)
AM01476v1
TO-220
1
2
3
TAB
3
2
1
TAB
IPAK
Order codes
VDS
RDS(on)max.
ID
PTOT
STP8N80K5
800 V
0.95
Ω
6 A
110 W
STU8N80K5
Table 1. Device summary
Order codes
Marking
Package
Packaging
STP8N80K5
8N80K5
TO-220
Tube
STU8N80K5
IPAK
www.st.com


Similar Part No. - STP8N80K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP8N80K5 ISC-STP8N80K5 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP8N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
N-channel 800 V, 3.8 Ω, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
07-Sep-2009
STW6N95K5 STMICROELECTRONICS-STW6N95K5 Datasheet
1Mb / 23P
N-channel 950 V, 1 Ω typ., 9 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
31-Aug-2012
STF6N95K5 STMICROELECTRONICS-STF6N95K5 Datasheet
1Mb / 23P
N-channel 950 V, 1 Ω typ., 9 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
31-Aug-2012
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™Power MOSFET in DPAK, TO-220 and TO-220FP packages
29-Jan-2013
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
19-Nov-2013
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
27-Mar-2013
STB13N80K5 STMICROELECTRONICS-STB13N80K5 Datasheet
1Mb / 20P
N-channel 800 V, 0.37, 12 A Zener-protected SuperMESH 5 Power MOSFET in D짼PAK, TO-220FP and TO-220 packages
15-Apr-2013
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 3.5 Ω typ., 2 A Zener-protected SuperMESH™ 5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD2N95K5 STMICROELECTRONICS-STD2N95K5 Datasheet
1Mb / 23P
N-channel 950 V, 4.2 Ω typ., 2 A Zener-protected SuperMESH™5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
25-Sep-2013
STD3N80K5 STMICROELECTRONICS-STD3N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.8 Ω typ., 2.5 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
17-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com