Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL36N55M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL36N55M5
Description  N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL36N55M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL36N55M5 Datasheet HTML 1Page - STMicroelectronics STL36N55M5 Datasheet HTML 2Page - STMicroelectronics STL36N55M5 Datasheet HTML 3Page - STMicroelectronics STL36N55M5 Datasheet HTML 4Page - STMicroelectronics STL36N55M5 Datasheet HTML 5Page - STMicroelectronics STL36N55M5 Datasheet HTML 6Page - STMicroelectronics STL36N55M5 Datasheet HTML 7Page - STMicroelectronics STL36N55M5 Datasheet HTML 8Page - STMicroelectronics STL36N55M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
January 2013
Doc ID 022602 Rev 3
1/17
17
STL36N55M5
N-channel 550 V, 0.066
Ω typ., 22.5 A MDmesh™ V
Power MOSFET in a PowerFLAT™ 8x8 HV package
Datasheet — production data
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Applications
■ Switching applications
Description
This device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order code
VDS @
TJmax
RDS(on)
max
ID
STL36N55M5
600 V
0.090
Ω
22.5 A(1)
1.
The value is rated according to Rthj-case and limited by
package.
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL36N55M5
36N55M5
PowerFLAT™ 8x8 HV
Tape and reel
www.st.com


Similar Part No. - STL36N55M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL36N60M6 STMICROELECTRONICS-STL36N60M6 Datasheet
418Kb / 15P
N-channel 600 V, 91 mΩ typ., 25 A MDmesh™M6 Power MOSFET in a PowerFLAT™8x8 HV package
20-Sep-2018
More results

Similar Description - STL36N55M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STL18N55M5 STMICROELECTRONICS-STL18N55M5 Datasheet
900Kb / 14P
N-channel 550 V, 0.205, 13 A PowerFLAT 8x8 HV MDmesh V Power MOSFET
04-Oct-2011
STL23NM50N STMICROELECTRONICS-STL23NM50N Datasheet
659Kb / 13P
N-channel 500 V, 0.170 typ., 14 A MDmesh II Power MOSFET in a PowerFLAT 8x8 HV package
08-Oct-2012
STL33N60DM2 STMICROELECTRONICS-STL33N60DM2 Datasheet
784Kb / 15P
N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
09-Mar-2016
STL33N65M2 STMICROELECTRONICS-STL33N65M2 Datasheet
815Kb / 15P
N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
13-Apr-2016
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
N-channel 650 V, 0.075 Ω typ., 22.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 8x8 HV package
October 2015 Rev 2
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
N-channel 600 V, 0.094 Ω typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
21-Jul-2020
STL19N60M6 STMICROELECTRONICS-STL19N60M6 Datasheet
575Kb / 14P
N-channel 600 V, 255 m typ., 11 A MDmesh M6 Power MOSFET in a PowerFLAT 8x8 HV package
13-Dec-2019
STL22N60DM6 STMICROELECTRONICS-STL22N60DM6 Datasheet
347Kb / 14P
N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
08-Feb-2022
STL33N60DM6 STMICROELECTRONICS-STL33N60DM6 Datasheet
345Kb / 14P
N-channel 600 V, 125 m typ., 21 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
15-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com