Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS610LSC Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS610LSC
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSC Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS610LSC Datasheet HTML 3Page - Allegro MicroSystems ATS610LSC Datasheet HTML 4Page - Allegro MicroSystems ATS610LSC Datasheet HTML 5Page - Allegro MicroSystems ATS610LSC Datasheet HTML 6Page - Allegro MicroSystems ATS610LSC Datasheet HTML 7Page - Allegro MicroSystems ATS610LSC Datasheet HTML 8Page - Allegro MicroSystems ATS610LSC Datasheet HTML 9Page - Allegro MicroSystems ATS610LSC Datasheet HTML 10Page - Allegro MicroSystems ATS610LSC Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ATS610LSC
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSOR
TYPICAL ATS610LSC OPERATING CHARACTERISTICS
(with reference target) — Continued
3.5
2.5
1.5
10
30
50
70
0.5
REFERENCE TARGET SPEED IN RPM
Dwg. GH-011-6
20
40
60
3.0
2.0
1.0
0
-40
°C
+25
°C
+150
°C
4.0
3.5
2.5
1.5
500
1500
2500
3500
0.5
REFERENCE TARGET SPEED IN RPM
Dwg. GH-011-5
1000
2000
3000
3.0
2.0
1.0
0
-40
°C
+25
°C
+150
°C
4.0
The ATS610LSC dynamic, peak-detecting, differential
Hall-effect gear-tooth sensor is a Hall IC plus magnet
subassembly that is fully optimized to provide digital
detection of gear-tooth edges in a small package size.
The sensor is packaged in a miniature plastic housing that
has been optimized for size, ease of assembly, and
manufacturability. High operating temperature materials
are used in all aspects of construction.
The application of this sensor is uncomplicated. After
power is applied to the device, it is capable of quickly
providing digital information that is representative of a
rotating gear or specially designed target. No additional
optimization or processing circuitry is required. This ease
of use should reduce design time and incremental assem-
bly costs for most applications.
Sensing Technology. The gear-tooth sensor subassem-
bly contains a single-chip differential Hall-effect sensor IC,
a samarium-cobalt magnet, and a flat ferrous pole piece.
The Hall IC consists of two Hall elements spaced 2.235
DEVICE DESCRIPTION
mm (0.088") apart, which senses the magnetic gradient
created by the passing of a ferrous object (a gear tooth).
The two Hall voltages are compared and the difference is
then processed to provide a digital output signal.
The processing circuit uses a patented peak-detection
technique to eliminate magnet and system offsets. This
technique allows coupling and filtering of offsets without
the power-up and settling time disadvantages of classical
high-pass filtering schemes. Here, the peak signal of
every tooth and valley is detected and is used to provide
an instant reference for the operate-point and release-
point comparators. In this manner, the thresholds are
adapted and referenced to individual signal peaks and
valleys, thereby providing immunity to zero-line variation
due to installation inaccuracies (tilt, rotation, and
off-center placement), as well as for variations caused by
target and shaft eccentricities. The peak detection
concept also allows extremely low-speed operation when
used with small-value capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com