Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS535CSB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS535CSB
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS535CSB Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS535CSB Datasheet HTML 1Page - Allegro MicroSystems ATS535CSB Datasheet HTML 2Page - Allegro MicroSystems ATS535CSB Datasheet HTML 3Page - Allegro MicroSystems ATS535CSB Datasheet HTML 4Page - Allegro MicroSystems ATS535CSB Datasheet HTML 5Page - Allegro MicroSystems ATS535CSB Datasheet HTML 6Page - Allegro MicroSystems ATS535CSB Datasheet HTML 7Page - Allegro MicroSystems ATS535CSB Datasheet HTML 8Page - Allegro MicroSystems ATS535CSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ATS632LSC
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operating Air Gap Range
AG
Operating,
0.3
1.9
mm
Target Speed > 20 RPM
Output Polarity
Operating, Over Tooth
Low
Low
Low
Operating, Over Valley
High
High
High
Timing Accuracy
tθ
Target Speed < 3500 RPM,
±0.25
±0.50
°
0.3 mm
≤ AG ≤ 1.9 mm
OPERATION over operating voltage and temperature range with reference target (unless oth-
erwise specified).
Limits
Characteristic
Symbol
Description
Min.
Typ.
Max.
Units
Valley Depth
ht
5.0
mm
Valley Width
(PC - T)
5.0
mm
Tooth Width
T
5.0
mm
Thickness
F
5.0
mm
Eccentricity
Timing accuracy may change
±0.25
mm
TARGET DESIGN CRITERIA
Diameter
Thickness
Tooth Width
Valley Width
Valley Depth
Type
(Do)
(F)
(T)
(PC - T)
(ht)
Reference Target
84 mm
16 mm
9 mm
13 mm
5 mm
Characterization Target #1
84 mm
16 mm
1 tooth, 180
°
5 mm
Characterization Target #2
35 mm
7 mm
1 tooth, 180
°
6 mm
TARGET DIMENSIONS
NOTE: Timing accuracy data is taken by recalibrating the unit at each air gap.
NOTE: Air Gap is defined as the distance from the face of the sensor subassembly to the target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com