Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS52001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS52001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
- 2 -
TS52001
Version 1.3
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
PINOUT
TS5201
QFN16 4x4
Top/Symbolization View
VIN
VSENSE
VBAT
SW
VIN
VTH_REF
VTHERM
SCL
Figure 1b: Package Pinout Diagram
PIN DESCRIPTION
Pin Symbol
Pin #
Function
Description
SW
1
Switching Voltage Node
Connected to 4.7uH (typical) inductor
VIN
2
Photovoltaic Input Voltage
Input voltage
VSENSE
3
Current Sense Positive Input
Positive input for the MPP current loop.
VBAT
4
Battery Input
Regulator Feedback Input
GND
5
GND
Primary ground for the majority of the device except
the low-side power FET.
EN
6
Enable Input
Above 2.2V the device is enabled. GND the pin to
disable the device. Includes internal pull-up.
nFLT
7
Inverted Fault
Open-drain output.
VDD
8
Internal 3.3V Supply Output
Connected to 100nF capacitor to GND
VTHERM
9
Battery Temperature Sensor
Minus Node
Minus node for the thermistor which is located in close
proximity to the battery.
VTH_REF
10
Battery Temperature Sensor
Positive Node
Positive node for the thermistor which is located in
close proximity to the battery
VIN
11
Photovoltaic Input Voltage
Input voltage
SCL
12
Clock Input
I2C clock input.
SDA
13
Data Input/Output
I2C data open-drain output.
SW
14
Switching Voltage Node
Connected to 4.7uH (typical) inductor
PGND
15
Power GND
GND supply for internal low-side FET/integrated diode
PGND
16
Power GND
GND supply for internal low-side FET/integrated diode
TS52001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com