| Electronic Components Datasheet Search |
|
ATS611LSB Datasheet(PDF) 12 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS611LSB Datasheet(HTML) 12 Page - Allegro MicroSystems |
|
12 / 12 page ![]() ATS632LSC HALL-EFFECT GEAR-TOOTH SENSOR SUBASSEMBLY 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the design of its products. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringements of patents or other rights of third parties which may result from its use. ADAPTIVE THRESHOLD SENSORS SELECTION GUIDE Part Number Application ATS535CSB Programmable, TPOS, large-tooth gear-position or proximity sensing (commercial temp. range) ATS535JSB Programmable, TPOS, large-tooth gear-position or proximity sensing (industrial/auto. temp. range) ATS610LSA Large-tooth, gear-position sensing – crank angle, cam angle ATS610LSC Large-tooth, gear-position sensing with internal voltage regulator – crank angle, cam angle ATS611LSB Fine-pitch, large air gap, gear speed sensing – transmission speed, ABS ATS612JSB Large/small-tooth gear-position sensing – crank angle, transmission speed, cam angle ATS632LSA Large-tooth, gear-position sensing (LOW digital output state over a tooth), cam angle ATS632LSC Large-tooth, gear-position sensing (LOW digital output state over a tooth), with internal voltage regulator – cam angle ATS640JSB TPOS, gear-position sensing for two-wire applications |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |