Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS640JSB Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS640JSB
Description  TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS640JSB Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS640JSB Datasheet HTML 8Page - Allegro MicroSystems ATS640JSB Datasheet HTML 9Page - Allegro MicroSystems ATS640JSB Datasheet HTML 10Page - Allegro MicroSystems ATS640JSB Datasheet HTML 11Page - Allegro MicroSystems ATS640JSB Datasheet HTML 12Page - Allegro MicroSystems ATS640JSB Datasheet HTML 13Page - Allegro MicroSystems ATS640JSB Datasheet HTML 14Page - Allegro MicroSystems ATS640JSB Datasheet HTML 15Page - Allegro MicroSystems ATS640JSB Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
www.allegromicro.com
13
MECHANICAL INFORMATION
Component
Material
Function
Units
Sensor Face
Thermoset epoxy
Maximum temperature
170
°C*
Plastic Housing
Thermoplastic PBT
264 psi deflection temp. (DTUL)
204
°C
66 psi deflection temp. (DTUL)
216
°C
Approximate melting temperature
225
°C
Leads
Copper
—
—
Lead Finish
90/10 tin/lead solder plate
—
†
Lead Pull
—
—
8 N
* Temperature excursions to 225
°C for 2 minutes or less are permitted.
† All industry-accepted soldering techniques are permitted for these subassemblies provided the indicated maximum
temperature for each component (e.g., sensor face, plastic housing) is not exceeded. Reasonable dwell times, which do
not cause melting of the plastic housing, should be used.
Sensor location (in millimeters)
(sensor location relative to package center is the design objective)
Lead cross section (in millimeters)
0.41
NOM.
0.38
NOM.
0.0076
MIN. PLATING
THICKNESS
Dwg. MH-019A mm
0.48
0.36
0.44
0.35
Dwg. MH-018-4 mm
A
2.2 mm
Allegro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com