Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2459 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2459
Description  0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2459 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2459 Datasheet HTML 1Page - Monolithic Power Systems MP2459 Datasheet HTML 2Page - Monolithic Power Systems MP2459 Datasheet HTML 3Page - Monolithic Power Systems MP2459 Datasheet HTML 4Page - Monolithic Power Systems MP2459 Datasheet HTML 5Page - Monolithic Power Systems MP2459 Datasheet HTML 6Page - Monolithic Power Systems MP2459 Datasheet HTML 7Page - Monolithic Power Systems MP2459 Datasheet HTML 8Page - Monolithic Power Systems MP2459 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2459
0.5A, 55V, 480kHz
Step-Down Converter in a TSOT23-6
MP2459 Rev. 1.0
www.MonolithicPower.com
1
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The MP2459 is a monolithic, step-down, switch-
mode converter with a built-in power MOSFET.
It achieves a 0.5A peak-output current over a
wide input supply range with excellent load and
line
regulation.
Current-mode
operation
provides a fast transient response and eases
loop stabilization. Fault condition protections
include cycle-by-cycle current limiting and thermal
shutdown.
The MP2459 requires a minimal number of
readily-available
external
components.
The
MP2459 is available in a TSOT23-6 package.
FEATURES
•
0.5A Peak Output Current
•
1
Internal Power MOSFET
•
Stable with Low-ESR Ceramic Output
Capacitors
•
Up to 90% Efficiency
•
0.1µA Shutdown Mode
•
Fixed 480kHz Frequency
•
Thermal Shutdown
•
Cycle-by-Cycle Over-Current Protection
•
Wide 4.5V-to-55V Operating Input Range
•
Output Adjustable from 0.81V to 0.95*VIN
•
Available in a TSOT23-6 Package
APPLICATIONS
•
Power Meters
•
Distributed Power Systems
•
Battery Chargers
•
Pre-Regulator for Linear Regulators
•
WLED Drivers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
GND
GND
VOU T
EN
EN
U1
L1
D1
MP2459
IN
BS T
SW
FB
30
40
50
60
70
80
90
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6


Similar Part No. - MP2459

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP245 CTS-MP245 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP2451 MPS-MP2451 Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2451DJ MPS-MP2451DJ Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2451DT MPS-MP2451DT Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
More results

Similar Description - MP2459

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2357 MPS-MP2357 Datasheet
677Kb / 10P
0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Texas Instruments
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
logo
Monolithic Power System...
MPQ2456 MPS-MPQ2456 Datasheet
741Kb / 14P
0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6
MPQ2459 MPS-MPQ2459 Datasheet
887Kb / 13P
0.5A, 55V, 480KHz, Step-Down Converter in a TSOT23-6 Package AEC-Q100 Qualified
logo
AiT Semiconductor Inc.
A7466 AITSEMI-A7466 Datasheet
621Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 60V,480KHZ,0.5A STEP-DOWN CONVERTER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com