Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-F6626 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # STR-F6626
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-F6626 Datasheet(HTML) 4 Page - Allegro MicroSystems

  STR-F6626 Datasheet HTML 1Page - Allegro MicroSystems STR-F6626 Datasheet HTML 2Page - Allegro MicroSystems STR-F6626 Datasheet HTML 3Page - Allegro MicroSystems STR-F6626 Datasheet HTML 4Page - Allegro MicroSystems STR-F6626 Datasheet HTML 5Page - Allegro MicroSystems STR-F6626 Datasheet HTML 6Page - Allegro MicroSystems STR-F6626 Datasheet HTML 7Page - Allegro MicroSystems STR-F6626 Datasheet HTML 8Page - Allegro MicroSystems STR-F6626 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
4
TM
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VIN = 18 V (unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
On-State Voltage
V
INT
Turn-on, increasing V
IN
14.4
16
17.6
V
Under-Voltage Lockout
V
INQ
Turn-off, decreasing V
IN
9.0
10
11
V
Over-Voltage Threshold
V
OVP(th)
Turn-off, increasing V
IN
20.5
22.5
24.5
V
Drain-Source Breakdown Voltage
V
BR(DSS)
I
D = 300 µA
V
DS max
––
V
Drain Leakage Current
I
DSS
At V
DS max
–
–
300
µA
On-State Resistance
r
DS(ON)
V
S = 10 V, ID = 0.9 A, TJ = +25°C–
–
see table
Ω
Maximum Off Time
t
off
Drain waveform high
45
–
55
µs
Minimum Pulse Duration for Input of
Quasi-Resonant Signals
t
w(th)
Drain waveform high1
––
1.0
µs
Minimum Off Time
t
off
Drain waveform high1
––
1.5
µs
Feedback Threshold Voltage
V
FDBK
Drain waveform low to high1
0.68
0.73
0.78
V
Oscillation synchronized2
1.3
1.45
1.6
V
Over-Current Protection/Feedback
Sink Current
I
OCP/FB
V
OCP/FB = 1.0 V
1.2
1.35
1.5
mA
Latch Holding Current
I
IN(OVP)
V
IN reduced from 24.5 V to 8.5 V
–
–
400
µA
Latch Release Voltage
V
IN
I
IN ≤ 20 µA, VIN reduced from 24.5 V
6.6
–
8.4
V
Switching Time
t
f
V
DD = 200 V, ID = 0.9 A
–
–
250
ns
Supply Current
I
IN(ON)
Operating3
––
30
mA
I
IN(OFF)
Increasing V
IN prior to oscillation
–
–
100
µA
Insulation RMS Voltage
V
WM(RMS)
All terminals simultaneous refer-
2000
–
–
V
ence to a metal plate against
the backside
Thermal Resistance
RθJM
Output channel to mounting frame
–
–
1.75
°C/W
Thermal Shutdown
T
J
140
–
–
°C
Notes: Typical Data is for design information only.
1. Feedback is square wave, V
IM = 2.2 V, th = 1 µs, tl = 35 µs.
2. For quasi-resonant operation, the input signal must be longer than t
w(th) and greater than VFDBK.
3. Feedback is square wave, V
IM = 2.2 V, th = 4 µs, tl = 1 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com