Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC76 Datasheet(PDF) 3 Page - Microchip Technology

Part # 93LC76
Description  8K/16K 2.5V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76 Datasheet(HTML) 3 Page - Microchip Technology

  93LC76 Datasheet HTML 1Page - Microchip Technology 93LC76 Datasheet HTML 2Page - Microchip Technology 93LC76 Datasheet HTML 3Page - Microchip Technology 93LC76 Datasheet HTML 4Page - Microchip Technology 93LC76 Datasheet HTML 5Page - Microchip Technology 93LC76 Datasheet HTML 6Page - Microchip Technology 93LC76 Datasheet HTML 7Page - Microchip Technology 93LC76 Datasheet HTML 8Page - Microchip Technology 93LC76 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS21131E-page 3
93LC76/86
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +2.5V to +6.0V
Commercial (C): TA = 0°C to +70°C
Industrial
(I): TA = -40°C to +85°C
Parameter
Symbol
Min.
Max.
Units
Conditions
High-level input voltage
VIH1
2.0
VCC + 1
V
VCC
≥ 2.7V
VIH2
0.7 VCC
VCC + 1
V
VCC < 2.7V
Low-level input voltage
VIL1
-0.3
0.8
V
VCC
≥ 2.7V
VIL2
-0.3
0.2 VCC
VVCC < 2.7V
Low-level output voltage
VOL1
—0.4
V
IOL = 2.1 mA; VCC = 4.5V
VOL2
—0.2
V
IOL =100
µA; VCC = VCC Min.
High-level output voltage
VOH1
2.4
V
IOH = -400
µA; VCC = 4.5V
VOH2
VCC-0.2
V
IOH = -100
µA; VCC = VCC Min.
Input leakage current
ILI
-10
10
µAVIN = 0.1V to VCC
Output leakage current
ILO
-10
10
µAVOUT = 0.1V to VCC
Pin capacitance
(all inputs/outputs)
CINT
—7
pF
(Note 1)
TA = +25°C, FCLK = 1 MHz
Operating current
ICC write
3
mA
VCC = 5.5V
ICC read
1
500
mA
µA
FCLK = 3 MHz; VCC = 5.5V
FCLK = 1 MHz; VCC = 3.0V
Standby current
ICCS
—100
30
µA
µA
CLK = CS = 0V; VCC = 5.5V
CLK = CS = 0V; VCC = 3.0V
DI = PE = VSS
ORG = VSS or VCC
Note 1:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com