Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2481 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2481
Description  36V, 1.2A, 1.4MHz White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2481 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2481 Datasheet HTML 1Page - Monolithic Power Systems MP2481 Datasheet HTML 2Page - Monolithic Power Systems MP2481 Datasheet HTML 3Page - Monolithic Power Systems MP2481 Datasheet HTML 4Page - Monolithic Power Systems MP2481 Datasheet HTML 5Page - Monolithic Power Systems MP2481 Datasheet HTML 6Page - Monolithic Power Systems MP2481 Datasheet HTML 7Page - Monolithic Power Systems MP2481 Datasheet HTML 8Page - Monolithic Power Systems MP2481 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2481 –36V, 1.2A, 1.4MHz WHITE LED DRIVER
MP2481 Rev. 1.42
www.MonolithicPower.com
2
4/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2481DH
MSOP8E
2481D
* For Tape & Reel, add suffix –Z (e.g. MP2481DH–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2481DH–LF–Z)
PACKAGE REFERENCE
VDD
VSS
OVP
FB
EXPOSED PAD
ON BACK SIDE
*
* Do not Connect to System
Ground in Buck-Boost Mode
1
2
3
4
8
7
6
5
SW
BST
INGND
EN/DIM
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VDD – VSS.............................40V
VSW – VSS .............................–0.3V to VIN + 0.3V
VBST .................................................... VSW + 6V
VOVP – VSS..................................... –0.3V to +6V
VEN – VINGND .................................. –0.3V to +6V
VDIM – VINGND ................................. –0.3V to +6V
VINGND – VSS .................................. –0.3V to 40V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.3W
Junction Temperature.............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD – VSS................ 4.5V to 36V
Operating Junct. Temp (TJ)..... –40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
MSOP8E (Exposed Pad) ........55 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com