Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMBM-H61B Datasheet(PDF) 2 Page - AAEON Technology

Part # IMBM-H61B
Description  Micro-ATX Board with Intel 3rd/2nd Generation Core i7/ i5/ i3 CPU, 13 Serial Ports & 8 USB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

IMBM-H61B Datasheet(HTML) 2 Page - AAEON Technology

  IMBM-H61B Datasheet HTML 1Page - AAEON Technology IMBM-H61B Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-60
Dimension
Unit: mm
IMBM-H61B
Ordering Information
Optional Accessories
1709100330
USB 2.0 Cable (9P, 330MM, p=2.54mm)
1701260305
LPT Cable (25P, 270MM)
175921156B
CPU Cooler (1156 Socket, 4P, 2Ball, 95W)
1709070800
SATA Cable
Part Number
CPU
RAM
Fan/Fanless
Storage
Display
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
IMBM-H61B-A10
Socket
DIMM
Fan
SATA2 x 3
CFast™ x 1
VGA x 2
18/24-bit Dual Channel GbE x 2
USB 2.0 x 8
11
2
PCIe [x16] x 1
PCI x 2
Mini Card x 1
ATX
0°C ~ 60°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com