Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515 Datasheet(PDF) 21 Page - Microchip Technology

Part # HCS515
Description  KEELOQ Code Hopping Decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 21 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 17Page - Microchip Technology HCS515 Datasheet HTML 18Page - Microchip Technology HCS515 Datasheet HTML 19Page - Microchip Technology HCS515 Datasheet HTML 20Page - Microchip Technology HCS515 Datasheet HTML 21Page - Microchip Technology HCS515 Datasheet HTML 22Page - Microchip Technology HCS515 Datasheet HTML 23Page - Microchip Technology HCS515 Datasheet HTML 24Page - Microchip Technology HCS515 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
© 2002 Microchip Technology Inc.
DS40183D-page 21
HCS515
8.1
AC Electrical Characteristics
8.1.1
VALID TRANSMISSION NOTIFICATION
Standard Operating Conditions (unless otherwise specified)
Commercial (C):
0°C
≤TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TDHI
Command request time
0.0050
—
500
ms
TCLA
Micro request acknowledge time
0.0050
—
1
ms
TACK
Decoder Acknowledge time
—
—
4
µs
TACT
Start Command mode to
first command bit
20
—
1200
µs
TCLKH
Clock high time
20
—
1000
µs
TCLKL
Clock low time
20
—
1000
µs
FCLK
Clock frequency
500
—
25000
Hz
TDS
Data hold time
14
—
1000
µs
Note:
These parameters are characterized but not tested.
8.1.2
COMMAND MODE ACTIVATION
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤ TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TREQ
Command request time
0.0050
—
500
ms
TRESP
Microcontroller request
acknowledge time
——
1
ms
TACK
Decoder acknowledge time
—
—
4
µs
TSTART
Start Command mode to first
command bit
20
—
1000
µs
TCLKH
Clock high time
20
—
1000
µs
TCLKL
Clock low time
20
—
1000
µs
FCLK
Clock frequency
500
—
25000
Hz
TDS
Data hold time
14
—
—
µs
TCMD
Command validate time
—
—
10
µs
TADDR
Address validate time
—
—
10
µs
TDATA
Data validate time
—
—
10
µs
Note:
These parameters are characterized but not tested.
8.1.3
READ FROM USER EEPROM COMMAND
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤ TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TRD
Decoder EEPROM read time
1000
—
2000
µs
Note:
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com