Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515-I-P Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS515-I-P
Description  KEELOQ Code Hopping Decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515-I-P Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS515-I-P Datasheet HTML 5Page - Microchip Technology HCS515-I-P Datasheet HTML 6Page - Microchip Technology HCS515-I-P Datasheet HTML 7Page - Microchip Technology HCS515-I-P Datasheet HTML 8Page - Microchip Technology HCS515-I-P Datasheet HTML 9Page - Microchip Technology HCS515-I-P Datasheet HTML 10Page - Microchip Technology HCS515-I-P Datasheet HTML 11Page - Microchip Technology HCS515-I-P Datasheet HTML 12Page - Microchip Technology HCS515-I-P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2002 Microchip Technology Inc.
DS40183D-page 9
HCS515
4.2
Command Mode
4.2.1
MICROCONTROLLER COMMAND
MODE ACTIVATION
The microcontroller command consists of four parts.
The first part activates the Command mode, the sec-
ond part is the actual command, the third is the address
accessed, and the fourth part is the data. The micro-
controller starts the command by taking the clock line
high for up to 500 ms. The decoder acknowledges the
start-up sequence by taking the data line high. The
microcontroller takes the clock line low, after which the
decoder will take the data line low, tri-state the data line
and wait for the command to be clocked in. The data
must be set up on the rising edge and will be sampled
on the falling edge of the clock line.
4.2.2
COLLISION DETECTION
The HCS515 uses collision detection to prevent
clashes between the decoder and microcontroller.
Whenever the decoder receives a valid transmission
the following sequence is followed:
• The decoder first checks to see if the clock line is
high. If the clock line is high, the valid transmis-
sion notification is aborted, and the microcontrol-
ler Command mode request is serviced.
• The decoder takes the data line high and checks
that the clock line doesn’t go high within 50
µs. If
the clock line goes high, the valid transmission
notification is aborted and the Command mode
request is serviced.
• If the clock line goes high after 50
µs but before
500 ms, the decoder will acknowledge by taking
the data line low.
• The microcontroller can then start to clock out the
80-bit data stream of the received transmission.
FIGURE 4-3:
MICROCONTROLLER COMMAND MODE ACTIVATION
MSB
A
Command Byte
START Command
TCLKL
TCLKH
TDS
BC
LSB
TSTART
TCMD
D
TDATA
E
Address Byte
Data Byte
TADDR
TREQ
TRESP
CLK
µC Data
MSB
LSB
MSB
LSB
TACK
HCS515
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com