Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515-I-SL Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS515-I-SL
Description  KEELOQ Code Hopping Decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515-I-SL Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS515-I-SL Datasheet HTML 4Page - Microchip Technology HCS515-I-SL Datasheet HTML 5Page - Microchip Technology HCS515-I-SL Datasheet HTML 6Page - Microchip Technology HCS515-I-SL Datasheet HTML 7Page - Microchip Technology HCS515-I-SL Datasheet HTML 8Page - Microchip Technology HCS515-I-SL Datasheet HTML 9Page - Microchip Technology HCS515-I-SL Datasheet HTML 10Page - Microchip Technology HCS515-I-SL Datasheet HTML 11Page - Microchip Technology HCS515-I-SL Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
HCS515
DS40183D-page 8
© 2002 Microchip Technology Inc.
4.0
INTERFACING TO A
MICROCONTROLLER
The HCS515 interfaces to a microcontroller via a syn-
chronous serial interface. A clock and data line are
used to communicate with the HCS515. The microcon-
troller controls the clock line. There are two groups of
data transfer messages. The first is from the decoder
whenever the decoder receives a valid transmission.
The decoder signals reception of a valid code by taking
the data line high (maximum of 500 ms) The microcon-
troller then services the request by clocking out a data
string from the decoder. The data string contains the
function code, the status bit, and block indicators. The
second is from the controlling microcontroller to the
decoder in the form of a defined command set.
Figure 4-1 shows the HCS515 decoder and the I/O
interface lines necessary to interface to a microcontrol-
ler.
4.1
Valid Transmission Message
The decoder informs the microcontroller of a valid
transmission by taking the data line high for up to
500 ms. The controlling microcontroller must acknowl-
edge by taking the clock line high. The decoder then
takes the data line low. The microcontroller can then
begin clocking a data stream out of the HCS515. The
data stream consists of:
•START bit ‘0’.
• 2 status bits [REPEAT, Vlow].
• 4-bit function code [S3 S2 S1 S0].
•STOP bit ‘1’.
• 4 bits indicating the number of transmitters
learned into the decoder [CNT3…CNT0].
• 4 bits indicating which block was used
[TX3…TX0].
• 64 bits of the received transmission with the hop-
ping code decrypted.
Note:
Data is always clocked in/out Least
Significant bit (LSb) first.
The decoder will terminate the transmission of the data
stream at any point where the clock is kept low for
longer than 1 ms. Therefore, the microcontroller can
only clock out the required bits. A maximum of 80 bits
can be clocked out of the decoder.
FIGURE 4-1:
HCS515 DECODER AND I/O INTERFACE LINES
FIGURE 4-2:
DECODER VALID TRANSMISSION MESSAGE
NC
NC
VDD
S1
RF DATA
SYNC CLOCK
SYNC DATA
S0 OUTPUT
HCS515
S0
MCLR
NC
NC
NC
VSS
RF_IN
S_CLK
S_DAT
NC
1
2
3
4
5
6
78
9
10
11
12
13
14
VCC
X
X
X
MICRO RESET
S1 OUTPUT
X
X
X
Decoder Signal Valid
TCLKH
TDS
AB
Cii
TACT
TDHI
TCLA
Received String
Ci
S_DAT
TX0
TX3
RX63
REPT VLOW
S0
S1
S2
S3
CNT0
CNT3
0
RX0
RX1
RX62
1
S_CLK
Information
TACK
TCLKH
TCLKL
Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com