Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S93-E Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6S93-E
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S93-E Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6S93-E Datasheet HTML 17Page - Microchip Technology MCP6S93-E Datasheet HTML 18Page - Microchip Technology MCP6S93-E Datasheet HTML 19Page - Microchip Technology MCP6S93-E Datasheet HTML 20Page - Microchip Technology MCP6S93-E Datasheet HTML 21Page - Microchip Technology MCP6S93-E Datasheet HTML 22Page - Microchip Technology MCP6S93-E Datasheet HTML 23Page - Microchip Technology MCP6S93-E Datasheet HTML 24Page - Microchip Technology MCP6S93-E Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 21
MCP6S91/2/3
5.0
DIGITAL FUNCTIONS
The
MCP6S91/2/3
PGAs
use
a
standard
SPI
compatible serial interface to receive instructions from
a controller. This interface is configured to allow daisy-
chaining with other SPI devices.
5.1
SPI Timing
Chip Select (CS) toggles low to initiate communica-
tion with these devices. The first byte of each SI word
(two bytes long) is the instruction byte, which goes
into the Instruction register. The Instruction register
points the second byte to its destination. In a typical
application, CS is raised after one word (16 bits) to
implement the desired changes. Section 5.3 “Daisy-
Chain Configuration”, covers applications using
multiple 16-bit words. SO goes low after CS goes
high; it has a push-pull output that does not go into a
high-Z state.
The MCP6S91/2/3 devices operate in SPI modes 0,0
and 1,1. In 0,0 mode, the clock idles in the low state
(Figure 5-1). In 1,1 mode, the clock idles in the high
state (Figure 5-2). In both modes, SI data is loaded into
the PGA on the rising edge of SCK, while SO data is
clocked out on the falling edge of SCK. In 0,0 mode, the
falling edge of CS also acts as the first falling edge of
SCK (see Figure 5-1). There must be multiples of 16
clocks (SCK) while CS is low or commands will abort
(see Section 5.3 “Daisy-Chain Configuration”).
FIGURE 5-1:
Serial Bus Sequence for the PGA; SPI™ 0,0 Mode (see Figure 1-4).
FIGURE 5-2:
Serial Bus Sequence for the PGA; SPI™ 1,1 Mode (see Figure 1-5).
12
34
56
7
8
9
10
11
12
13
14
15
16
CS
SCK
SI
Instruction Byte
Data Byte
SO
(first 16 bits out are always zeros)
12
34
56
78
9
10
11
12
13
14
15
16
CS
SCK
SI
Instruction Byte
Data Byte
SO
(first 16 bits out are always zeros)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com