Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S92 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6S92
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S92 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6S92 Datasheet HTML 11Page - Microchip Technology MCP6S92 Datasheet HTML 12Page - Microchip Technology MCP6S92 Datasheet HTML 13Page - Microchip Technology MCP6S92 Datasheet HTML 14Page - Microchip Technology MCP6S92 Datasheet HTML 15Page - Microchip Technology MCP6S92 Datasheet HTML 16Page - Microchip Technology MCP6S92 Datasheet HTML 17Page - Microchip Technology MCP6S92 Datasheet HTML 18Page - Microchip Technology MCP6S92 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 15
MCP6S91/2/3
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF =VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-31:
Small-Signal Pulse
Response.
FIGURE 2-32:
Channel Select Timing.
FIGURE 2-33:
Output Voltage vs.
Shutdown Mode.
FIGURE 2-34:
Large-Signal Pulse
Response.
FIGURE 2-35:
Gain Select Timing.
FIGURE 2-36:
Minimum Valid Supply
Voltage (register data still valid).
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
1.800
2.000
Time (200 ns/div)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
V
DD = 5.0V
VOUT
G = +1
G = +5
G = +32
GVIN
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
Time (500 ns/div)
-20
-15
-10
-5
0
5
10
15
20
5
0
V
OUT
(CH0 = 0.6V,
G = +1)
VOUT
(CH1 = 0.3V, G = +1)
CS
CS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.E+00
1.E+00
2.E+00
3.E+00
4.E+00
5.E+00
6.E+00
7.E+00
8.E+00
9.E+00
1.E+01
1.E+01
1.E+01
Time (1 µs/div)
-15
-10
-5
0
5
10
15
VOUT is "ON"
Shutdown
CS
CS
Shutdown
VDD = 5.0V
CH0 = 0.3V
G = +1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (500 ns/div)
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
V
DD = 5.0V
GVIN
V
OUT
G = +1
G = +5
G = +32
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Time (500 ns/div)
-20
-15
-10
-5
0
5
10
15
20
VOUT
(CH0 = 0.3V, G = +5)
VOUT
(CH0 = 0.3V, G = +1)
CS
CS
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
Minimum Valid Supply Voltage (V)
32 Samples
1
st Wafer Lot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com