Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2498DV Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2498DV
Description  Integrated 100V Load Dump Protection, 2A Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2498DV Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2498DV Datasheet HTML 2Page - Monolithic Power Systems MP2498DV Datasheet HTML 3Page - Monolithic Power Systems MP2498DV Datasheet HTML 4Page - Monolithic Power Systems MP2498DV Datasheet HTML 5Page - Monolithic Power Systems MP2498DV Datasheet HTML 6Page - Monolithic Power Systems MP2498DV Datasheet HTML 7Page - Monolithic Power Systems MP2498DV Datasheet HTML 8Page - Monolithic Power Systems MP2498DV Datasheet HTML 9Page - Monolithic Power Systems MP2498DV Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP2498 –INTEGRATED 100V LOAD DUMP PROTECTION, 2A STEP-DOWN REGULATOR
MP2498 Rev. 1.0
www.MonolithicPower.com
6
8/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT =3.3V, C1=4.7μF, C2= 33μF, L=10μH, TA = +25°C, unless otherwise noted.
VEN
2V/div
VOUT
2V/div
Vsw
10V/div
IL
1A/div
10ms/div
Strart up
IOUT=0.1A
VEN
2V/div
VOUT
2V/div
Vsw
10V/div
IL
2A/div
Strart up
IOUT=2A
4ms/div
Shut down
IOUT=0.1A
VEN
2V/div
VOUT
2V/div
Vsw
10V/div
IL
1A/div
1ms/div
Shut down
IOUT=2A
VEN
2V/div
VOUT
2V/div
Vsw
10V/div
IL
2A/div
Short Circuit Entry
IOUT=0.1A to Short
VOUT
2V/div
Vsw
10V/div
IL
1A/div
VOUT
2V/div
Vsw
10V/div
IL
1A/div
Short Circuit Steady State
Short Circuit Recovery
IOUT=Short to 0A
VOUT
2V/div
Vsw
10V/div
IL
2A/div
Output Voltage Ripple
IOUT=0.1A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
500mA/div
Output Voltage Ripple
IOUT=2A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
2A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com