Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2560 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2560
Description  2.5A, 4MHz, 42V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2560 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2560 Datasheet HTML 11Page - Monolithic Power Systems MP2560 Datasheet HTML 12Page - Monolithic Power Systems MP2560 Datasheet HTML 13Page - Monolithic Power Systems MP2560 Datasheet HTML 14Page - Monolithic Power Systems MP2560 Datasheet HTML 15Page - Monolithic Power Systems MP2560 Datasheet HTML 16Page - Monolithic Power Systems MP2560 Datasheet HTML 17Page - Monolithic Power Systems MP2560 Datasheet HTML 18Page - Monolithic Power Systems MP2560 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP2560 – 2.5A, 4MHz, 42V STEP-DOWN CONVERTER
MP2560 Rev. 1.2
www.MonolithicPower.com
16
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C1
10uF
50V
C3
100pF
C6
NS
L1
4.7uH
C4
100nF
C2
47uF
6.3V
D1
VOUT
1.8V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP2560
EN
6
10
1,2
5
4
8,9
3
7
Figure 4—1.8V Output Typical Application Schematic
C1
10uF
50V
C3
150pF
C6
NS
L1
15uH
C4
100nF
C2
22uF
6.3V
D1
VOUT
5V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP2560
EN
6
10
1,2
5
4
8,9
3
7
Figure 5—5V Output Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com