Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2565 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2565
Description  2.5A, 4MHz, 50V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2565 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2565 Datasheet HTML 10Page - Monolithic Power Systems MP2565 Datasheet HTML 11Page - Monolithic Power Systems MP2565 Datasheet HTML 12Page - Monolithic Power Systems MP2565 Datasheet HTML 13Page - Monolithic Power Systems MP2565 Datasheet HTML 14Page - Monolithic Power Systems MP2565 Datasheet HTML 15Page - Monolithic Power Systems MP2565 Datasheet HTML 16Page - Monolithic Power Systems MP2565 Datasheet HTML 17Page - Monolithic Power Systems MP2565 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP2565 – 2.5A, 4MHz, 50V STEP-DOWN CONVERTER
MP2565 Rev. 0.91
www.MonolithicPower.com
14
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
High Frequency Operation
The switching frequency of MP2565 can be
programmed up to 4MHz by an external resistor.
Please pay attention to the following if the
switching frequency is above 2MHz.
The minimum on time of MP2565 is about
100ns (typ). Pulse skipping operation can be
seen more easily at higher switching frequency
due to the minimum on time. Refer to Figure 2
below for detailed information.
Recommended VIN (max)
vs Switching Frequency
30
25
20
15
10
5
1500 2000 2500 3000 3500 4000
VOUT=3.3V
fs (KHz)
VOUT=2.5V
Figure 2—Recommend Max VIN vs. fS
Since the internal bootstrap circuitry has higher
impedance, which may not be adequate to
charge the bootstrap capacitor during each (1-
D)×Ts charging period, an external bootstrap
charging diode is strongly recommended if the
switching frequency is above 2MHz (see
External Bootstrap Diode section for detailed
implementation information).
With higher switching frequencies, the inductive
reactance (XL) of capacitor comes to dominate,
so that the ESL of input/output capacitor
determines the input/output ripple voltage at
higher switching frequency. As a result of that,
high frequency ceramic capacitor is strongly
recommended as input decoupling capacitor
and output filtering capacitor for such high
frequency operation.
Layout becomes more important when the
device switches at higher frequency. It is
essential
to
place
the
input
decoupling
capacitor, catch diode and the MP2565 (Vin pin,
SW pin and PGND) as close as possible, with
traces that are very short and fairly wide. This
can help to greatly reduce the voltage spike on
SW node, and lower the EMI noise level as well.
Try to run the feedback trace as far from the
inductor and noisy power traces as possible. It
is often a good idea to run the feedback trace
on the side of the PCB opposite of the inductor
with a ground plane separating the two. The
compensation components should be placed
closed to the MP2565. Do not place the
compensation components close to or under
high dv/dt SW node, or inside the high di/dt
power loop. If you have to do so, the proper
ground plane must be in place to isolate those.
Switching loss is expected to be increased at
high switching frequency. To help to improve
the thermal conduction, a grid of thermal vias
can be created right under the exposed pad. It
is recommended that they be small (15mil
barrel diameter) so that the hole is essentially
filled up during the plating process, thus aiding
conduction to the other side. Too large a hole
can cause ‘solder wicking’ problems during the
reflow soldering process. The pitch (distance
between the centers) of several such thermal
vias in an area is typically 40mil. Please refer to
the PCB layout guide and example on EV2565
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com