Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR83145 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STR83145
Description  LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR83145 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STR83145 Datasheet HTML 1Page - Allegro MicroSystems STR83145 Datasheet HTML 2Page - Allegro MicroSystems STR83145 Datasheet HTML 3Page - Allegro MicroSystems STR83145 Datasheet HTML 4Page - Allegro MicroSystems STR83145 Datasheet HTML 5Page - Allegro MicroSystems STR83145 Datasheet HTML 6Page - Allegro MicroSystems STR83145 Datasheet HTML 7Page - Allegro MicroSystems STR83145 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STR83145
LATCHED, UNIVERSAL
INPUT-VOLTAGE SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
2
FUNCTIONAL BLOCK DIAGRAM
ALLOWABLE PACKAGE POWER DISSIPATION
COMMON
3
GATE
5
1
2
4
Dwg. FK-004
+
REG.
LATCH
DELAY
MT1
MT2
OSC.
7 V
30
20
10
20
60
100
40
FREE AIR
27 W
0
TEMPERATURE in
°°°°C
INFINITE HEAT SINK
(NO MICA SHEET)
Dwg. GK-010
2 W
80
120
0
25
15
5
150 mm x 150 mm x 2 mm
(WITH MICA SHEET)
100 mm x 100 mm x 2 mm
(WITH MICA SHEET)
75 mm x 75 mm x 2 mm
(WITH MICA SHEET)
P
IS LIMITED BY T
D
J
P
IS LIMITED BY T
DM
Copyright © 1994, 2003 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com