Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2617GL Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP2617GL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617GL Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP2617GL Datasheet HTML 21Page - Monolithic Power Systems MP2617GL Datasheet HTML 22Page - Monolithic Power Systems MP2617GL Datasheet HTML 23Page - Monolithic Power Systems MP2617GL Datasheet HTML 24Page - Monolithic Power Systems MP2617GL Datasheet HTML 25Page - Monolithic Power Systems MP2617GL Datasheet HTML 26Page - Monolithic Power Systems MP2617GL Datasheet HTML 27Page - Monolithic Power Systems MP2617GL Datasheet HTML 28Page - Monolithic Power Systems MP2617GL Datasheet HTML 29Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
MP2617 – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2617 Rev. 1.03
www.MonolithicPower.com
27
8/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
%
65
=
VCC
V
=
//R
R
+
R
//R
R
TH_Low
NTC_Cold
T2
T1
NTC_Cold
T2
(14)
33.5%
=
VCC
V
=
//R
R
+
R
//R
R
TH_High
NTC_Hot
T2
T1
NTC_Hot
T2
(15)
RNTC_Hot is the value of the NTC resistor at high
temperature
of
the
required
temperature
operation range, and RNTC_Cold is the value of
the NTC resistor at low temperature.
The two resistors, RT1 and RT2, allow the high
temperature limit and low temperature limit to
be programmed independently. With this
feature, the MP2617 can fit most type of NTC
resistor and different temperature operation
range requirements.
RT1 and RT2 values depend on the type of the
NTC resistor:
NTC_Hot
NTC_Cold
NTC_Hot
NTC_Cold
T2
R
.4225
0
-
R
1225
.
0
R
R
.3
0
R
×
×
×
×
=
(16)
)
R
R
(
2275
.
0
R
R
0.3
R
NTC_Hot
NTC_Cold
NTC_Cold
NTC_Hot
T1
−
×
×
×
=
(17)
For example, for the thermistor NCP18XH103,
it has the following electrical characteristic:
At 0°C, RNTC_Cold = 27.445kΩ;
At 50°C, RNTC_Hot = 4.1601kΩ.
The following equations are derived assuming
that the NTC window is between 0°C and 50°C.
According to the above equations to calculate
RT1=6.47kΩ and RT2=21.35kΩ.
NTC
VCC
Low Temp Threshold
High Temp Threshold
RNTC
RT1
RT2
VTH_Low
VTH_High
Figure 8—NTC Function Block
PCB Layout Guideline
It is important to pay special attention to the
PCB layout to meet specified noise, efficiency
and stability requirements. The following design
considerations can improve circuit performance:
1) Route the power stage adjacent to their
grounds. Aim to minimize the high-side
switching node (SW, inductor), trace lengths in
the high-current paths and the current sense
resistor trace.
Keep the switching node short and away from
all small control signals, especially the feedback
network.
Place the input capacitor as close as possible
to the IN and PGND pins.
Place the output inductor close to the IC and
connect the output capacitor between the
inductor and PGND of the IC.
2) For high-current applications, the balls for the
power pads (IN, SW, SYS, BATT and PGND)
should be connected to as much copper in the
board as possible. This improves thermal
performance because the board conducts heat
away from the IC.
3) The PCB should have a ground plane
connected
directly
to
the
return
of
all
components through vias (two vias per
capacitor for power-stage capacitors, one via
per capacitor for small-signal components). It is
also recommended to put vias inside the PGND
pads for the IC, if possible. A star ground
design approach is typically used to keep circuit
block currents isolated (high-power/low-power
small-signal) which reduces noise-coupling and
ground-bounce issues. A single ground plane
for this design gives good results. With this
small layout and a single ground plane, there is
no ground-bounce issue, and having the
components segregated minimizes coupling
between signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com