Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2618 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2618
Description  2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2618 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2618 Datasheet HTML 2Page - Monolithic Power Systems MP2618 Datasheet HTML 3Page - Monolithic Power Systems MP2618 Datasheet HTML 4Page - Monolithic Power Systems MP2618 Datasheet HTML 5Page - Monolithic Power Systems MP2618 Datasheet HTML 6Page - Monolithic Power Systems MP2618 Datasheet HTML 7Page - Monolithic Power Systems MP2618 Datasheet HTML 8Page - Monolithic Power Systems MP2618 Datasheet HTML 9Page - Monolithic Power Systems MP2618 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP2618 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2618 Rev. 0.92
www.MonolithicPower.com
6
7/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1,10,12,22
NC
No Connection
2
NTC
Thermistor Input. Connect a resistor from this pin to the pin VREF33 and the Thermistor
from this pin to ground.
3
ACOK
Valid Input Supply Indicator. A logic LOW on this pin indicates the presence of a valid
input supply.
4
CHGOK
Charging status Indicator. A logic LOW indicates charging operation. The pin will become
an open drain once the charging is stopped.
5
VREF33
Internal linear regulator 3.3V reference output. Bypass to GND with a 1µF ceramic
capacitor.
6
VREF25 Internal linear regulator 2.5V reference output.
7
EN
On/Off Control Input.
8
SHDN
Shutdown control of current sense amplifier. Connect this pin to
EN .
9
RG1
Gain Resistor of current sense amplifier.
11, 21
GND,
Exposed
Pad
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the D1 to C1
ground path to prevent switching current spikes from inducing voltage noise into the part.
Connect exposed pad to ground plane for optional thermal performance.
13
OUT1
Output for Driving Resistor Load.
14
RG2
Gain Resistor of current sense amplifier.
15
VCC
Power Input of current sense amplifier.
16
COMPV VLOOP Compensation. Decouple this pin with a capacitor and a resistor.
17
CELLS
Command Input for the Number of Li-Ion Cells. Make this pin float for 3-cell operation or
connect this pin to ground for 2-cell operation.
18
COMPI ILOOP Compensation. Decouple this pin with a capacitor and a resistor.
19
BATT
Positive Battery Terminal.
20
CSP
Battery Current Sense Positive Input. Connect a resistor RS1 between CSP and BATT.
23
TMR
Set time constant. 0.1uA charge and discharge the external cap. Connect TMR pin to
GND to disable the internal timer.
24
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver.
25, 26
SW
Switch Output.
27
PIN
Power Supply Voltage. The MP2618 operates from a +5.5V to +24V unregulated input.
C1 is needed to prevent large voltage spikes from appearing at the input.
28
AIN
Controller Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com