Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2623 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2623
Description  Stand-Alone, 2A, 1- or2-Cell Switching LiFePO4 Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2623 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2623 Datasheet HTML 7Page - Monolithic Power Systems MP2623 Datasheet HTML 8Page - Monolithic Power Systems MP2623 Datasheet HTML 9Page - Monolithic Power Systems MP2623 Datasheet HTML 10Page - Monolithic Power Systems MP2623 Datasheet HTML 11Page - Monolithic Power Systems MP2623 Datasheet HTML 12Page - Monolithic Power Systems MP2623 Datasheet HTML 13Page - Monolithic Power Systems MP2623 Datasheet HTML 14Page - Monolithic Power Systems MP2623 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP2623 – 2A, 24V INPUT, 1.1MHz 1- OR 2-CELL SWITCHING LIFEPO4 BATTERY CHARGER
MP2623 Rev. 1.0
www.MonolithicPower.com
11
3/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Charger Status Indication
MP2623 has two open-drain status outputs:
ACOK and CHGOK . The ACOK pin goes low
when the IC supply voltage (VCC) exceeds the
under-voltage
lockout
threshold
and
the
regulated voltage VIN is 300mV higher than VBATT
to make sure the regulator can operate normally.
CHGOK indicates charge status. Table 1
describes ACOK and CHGOK outputs under
different charge conditions.
Table 1―Charging Status Indication
ACOK
CHGOK Charger Status
low
low
In charging
low
high
End of charge, NTC
fault, timer out, thermal
shutdown,
EN disable
high
high
VIN–VBATT<0.3V.
VCC<UVLO,
Timer Operation
MP2623 uses an internal timer to limit the charge
period during both the trickle charge and the total
charge cycle. The MP2623 terminates charging
once the charge time exceeds the time limit. A
good battery should fully recharge within the
allotted time period; otherwise the battery has a
fault. An external capacitor at the TMR pin
programs the time period.
The trickle mode charge time is:

TMR
TRICKLE _ TMR
C
t30 min s
0.1 F
The total charge time is:

TMR
TOTAL _ TMR
C
t
3hours
0.1 F
When time-out occurs, the charger is suspended.
Only refreshing the input power or EN signal can
restart the charge cycle.
Negative Thermal Coefficient (NTC)
Thermistor
The MP2623 has a built-in NTC-resistance
window comparator that allows the MP2623 to
sense the battery temperature through the
thermistor included in the battery pack. Connect
a resistor with an appropriate value from VREF33
to the NTC pin, and connect the thermistor from
the NTC pin to GND. A resistor divider
determines the voltage on the NTC pin as a
function of the battery temperature. Charging
halts when the NTC voltage falls below the lower
NTC window threshold. Charging resumes when
the voltage is within the NTC window range.
Application with Power Selector
MP2623 is a stand-alone, switching charger.
Typically, VIN receives power from the adapter
input, VIN, through a diode that blocks the battery
voltage to VCC. For power selector application,
however, VIN powers the system and charges the
battery simultaneously so the user can start-up a
device with a drained battery when it is
connected to an adapter. Replace the diode from
the stand-alone switching charger circuit with a
MOSFET to improve system efficiency and
reduce voltage drop of the block device.
An additional MOSFET between VIN and the
battery allows the battery to charge even in the
absence of an adapter or connection to an invalid
adapter. Figure 3 shows a typical application
circuit with power-path management. When the
adapter input is invalid or absent, the block diode
is replaced by a MOSFET controlled by ACOK
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com