Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16 Datasheet(PDF) 280 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 280 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 276Page - Microchip Technology PIC16 Datasheet HTML 277Page - Microchip Technology PIC16 Datasheet HTML 278Page - Microchip Technology PIC16 Datasheet HTML 279Page - Microchip Technology PIC16 Datasheet HTML 280Page - Microchip Technology PIC16 Datasheet HTML 281Page - Microchip Technology PIC16 Datasheet HTML 282Page - Microchip Technology PIC16 Datasheet HTML 283Page - Microchip Technology PIC16 Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 280
 2011-2013 Microchip Technology Inc.
REGISTER 24-4:
CLCxSEL1: MULTIPLEXER DATA 3 AND 4 SELECT REGISTER
U-0
R/W-x/u
R/W-x/u
R/W-x/u
U-0
R/W-x/u
R/W-x/u
R/W-x/u
—
LCxD4S<2:0>(1)
—
LCxD3S<2:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented: Read as ‘0’
bit 6-4
LCxD4S<2:0>: Input Data 4 Selection Control bits(1)
111 = LCx_in[3] is selected for lcxd4
110 = LCx_in[2] is selected for lcxd4
101 = LCx_in[1] is selected for lcxd4
100 = LCx_in[0] is selected for lcxd4
011 = LCx_in[15] is selected for lcxd4
010 = LCx_in[14] is selected for lcxd4
001 = LCx_in[13] is selected for lcxd4
000 = LCx_in[12] is selected for lcxd4
bit 3
Unimplemented: Read as ‘0’
bit 2-0
LCxD3S<2:0>: Input Data 3 Selection Control bits(1)
111 = LCx_in[15] is selected for lcxd3
110 = LCx_in[14] is selected for lcxd3
101 = LCx_in[13] is selected for lcxd3
100 = LCx_in[12] is selected for lcxd3
011 = LCx_in[11] is selected for lcxd3
010 = LCx_in[10] is selected for lcxd3
001 = LCx_in[9] is selected for lcxd3
000 = LCx_in[8] is selected for lcxd3
Note 1:
See Table 24-1 for signal names associated with inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com