Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16 Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 54Page - Microchip Technology PIC16 Datasheet HTML 55Page - Microchip Technology PIC16 Datasheet HTML 56Page - Microchip Technology PIC16 Datasheet HTML 57Page - Microchip Technology PIC16 Datasheet HTML 58Page - Microchip Technology PIC16 Datasheet HTML 59Page - Microchip Technology PIC16 Datasheet HTML 60Page - Microchip Technology PIC16 Datasheet HTML 61Page - Microchip Technology PIC16 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 58
 2011-2013 Microchip Technology Inc.
5.5
Fail-Safe Clock Monitor
The Fail-Safe Clock Monitor (FSCM) allows the device
to continue operating should the external oscillator or
external clock fail. If an oscillator mode is selected, the
FSCM can detect oscillator failure any time after the
Oscillator Start-up Timer (OST) has expired. When an
external clock mode is selected, the FSCM can detect
failure as soon as the device is released from Reset.
FSCM is enabled by setting the FCMEN bit in the
Configuration Words. The FSCM is applicable to external
oscillator modes (LP, XT, HS) and external clock modes
(ECH, ECM, ECL, EXTRC) and the Secondary Oscillator
(SOSC).
FIGURE 5-9:
FSCM BLOCK DIAGRAM
5.5.1
FAIL-SAFE DETECTION
The FSCM module detects a failed oscillator by
monitoring falling clock edges and using LFINTOSC as a
time base. See Figure 5-9. Detection of a failed oscillator
will take 32 to 96 cycles of the LFINTOSC. Figure 5-10
shows a timing diagram of the FSCM module.
5.5.2
FAIL-SAFE OPERATION
When the external clock fails, the FSCM switches the
CPU clock to an internal clock source and sets the OSFIF
bit of the PIR2 register. The internal clock source is
determined by the IRCF<3:0> bits in the OSCCON
register.
When the OSFIF bit is set, an interrupt will be generated,
if the OSFIE bit in the PIE2 register is enabled. The user’s
firmware in the Interrupt Service Routine (ISR) can then
take steps to mitigate the problems that may arise from
the failed clock.
The system clock will continue to be sourced from the
internal clock source until the fail-safe condition has
been cleared, see Section 5.5.3 “Fail-Safe Condition
Clearing”.
5.5.3
FAIL-SAFE CONDITION CLEARING
When a Fail-Safe condition exists, the user must take
the following actions to clear the condition before
returning to normal operation with the external source.
The next sections describe how to clear the Fail-Safe
condition for specific clock selections (FOSC bits) and
clock switching modes (SCS bit settings).
5.5.3.1
External Oscillator with
SCS<1:0> = 00
When a Fail-Safe condition occurs with the FOSC bits
selecting external oscillator (FOSC<2:0> = HS, XT, LP)
and the clock switch has been selected to run from the
FOSC selection (SCS<1:0> = 00), the condition is
cleared by performing the following procedure.
When SCS<1:0> = 00 (Running from FOSC selection)
SCS<1:0> = 1x:
Change the SCS bits in the OSCCON register
to select the internal oscillator block. This resets
the OST timer and allows it to operate again.
OSFIF = 0:
Clear the OSFIF bit in the PIR2 register.
SCS<1:0> = 00:
Change the SCS bits in the OSCCON register
to select the FOSC Configuration Word clock
selection. This will start the OST. The CPU will
continue to operate from the internal oscillator
until the OST count is reached. When OST
expires, the clock module will switch to the
external oscillator and the Fail-Safe condition
will be cleared.
If the Fail-Safe condition still exists, the OSFIF bit will
again be set by hardware.
5.5.3.2
External Clock with SCS<1:0> = 00
When a Fail-Safe condition occurs with the FOSC bits
selecting external clock (FOSC<2:0> = ECH, ECM,
ECL, EXTRC) and the clock switch has selected to run
from the FOSC selection (SCS<1:0> = 00), the condi-
tion is cleared by performing the following procedure.
When SCS<1:0> = 00 (Running from FOSC selection)
SCS<1:0> = 1x:
Change the SCS bits in the OSCCON register
to select the internal oscillator block. This resets
the OST timer and allows it to operate again.
OSFIF = 0:
Clear the OSFIF bit in the PIR2 register.
External
LFINTOSC
÷ 64
S
R
Q
31 kHz
(~32
s)
488 Hz
(~2 ms)
Clock Monitor
Latch
Clock
Failure
Detected
Oscillator
Clock
Q
Sample Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com