Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16 Datasheet(PDF) 299 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 299 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 295Page - Microchip Technology PIC16 Datasheet HTML 296Page - Microchip Technology PIC16 Datasheet HTML 297Page - Microchip Technology PIC16 Datasheet HTML 298Page - Microchip Technology PIC16 Datasheet HTML 299Page - Microchip Technology PIC16 Datasheet HTML 300Page - Microchip Technology PIC16 Datasheet HTML 301Page - Microchip Technology PIC16 Datasheet HTML 302Page - Microchip Technology PIC16 Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 299
PIC16(L)F1508/9
26.8
Dead-Band Uncertainty
When the rising and falling edges of the input source
triggers the dead-band counters, the input may be asyn-
chronous. This will create some uncertainty in the dead-
band time delay. The maximum uncertainty is equal to
one CWG clock period. Refer to Equation 26-1 for more
detail.
EQUATION 26-1:
DEAD-BAND
UNCERTAINTY
26.9
Auto-Shutdown Control
Auto-shutdown is a method to immediately override the
CWG output levels with specific overrides that allow for
safe shutdown of the circuit. The shutdown state can
be either cleared automatically or held until cleared by
software.
26.9.1
SHUTDOWN
The shutdown state can be entered by either of the
following two methods:
• Software generated
• External Input
26.9.1.1
Software Generated Shutdown
Setting the GxASE bit of the CWGxCON2 register will
force the CWG into the shutdown state.
When auto-restart is disabled, the shutdown state will
persist as long as the GxASE bit is set.
When auto-restart is enabled, the GxASE bit will clear
automatically and resume operation on the next rising
edge event. See Figure 26-6.
26.9.1.2
External Input Source
External shutdown inputs provide the fastest way to
safely suspend CWG operation in the event of a Fault
condition. When any of the selected shutdown inputs
goes active, the CWG outputs will immediately go to
the selected override levels without software delay. Any
combination of two input sources can be selected to
cause a shutdown condition. The sources are:
• Comparator C1 – C1OUT_async
• Comparator C2 – C2OUT_async
• CLC2 – LC2_out
• CWG1FLT
Shutdown inputs are selected using the GxASDS0 and
GxASDS1
bits
of
the
CWGxCON2
register.
(Register 26-3).
TDEADBAND_UNCERTAINTY
1
Fcwg_clock
-----------------------------
=
Therefore:
Fcwg_clock
16 MHz
=
1
16 MHz
-------------------
=
62.5ns
=
TDEADBAND_UNCERTAINTY
1
Fcwg_clock
-----------------------------
=
Example:
Note:
Shutdown inputs are level sensitive, not
edge sensitive. The shutdown state can-
not be cleared, except by disabling auto-
shutdown, as long as the shutdown input
level persists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com