Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16 Datasheet(PDF) 308 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 308 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 304Page - Microchip Technology PIC16 Datasheet HTML 305Page - Microchip Technology PIC16 Datasheet HTML 306Page - Microchip Technology PIC16 Datasheet HTML 307Page - Microchip Technology PIC16 Datasheet HTML 308Page - Microchip Technology PIC16 Datasheet HTML 309Page - Microchip Technology PIC16 Datasheet HTML 310Page - Microchip Technology PIC16 Datasheet HTML 311Page - Microchip Technology PIC16 Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 308
 2011-2013 Microchip Technology Inc.
FIGURE 27-2:
PICkit™ PROGRAMMER STYLE CONNECTOR INTERFACE
For additional interface recommendations, refer to your
specific device programmer manual prior to PCB
design.
It is recommended that isolation devices be used to
separate the programming pins from other circuitry.
The type of isolation is highly dependent on the specific
application and may include devices such as resistors,
diodes, or even jumpers. See Figure 27-3 for more
information.
FIGURE 27-3:
TYPICAL CONNECTION FOR ICSP™ PROGRAMMING
1
3
5
6
4
2
Pin 1 Indicator
Pin Description*
1=VPP/MCLR
2=VDD Target
3=VSS (ground)
4 = ICSPDAT
5 = ICSPCLK
6 = No connect
* The 6-pin header (0.100" spacing) accepts 0.025" square pins
Rev. 10-000128A
7/30/2013
Device to be
Programmed
VDD
VDD
VSS
VSS
VPP
MCLR/VPP
VDD
Data
Clock
ICSPDAT
ICSPCLK
***
External
Programming
Signals
To Normal Connections
* Isolation devices (as required).
Rev. 10-000129A
7/30/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com