Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1509 Datasheet(PDF) 13 Page - Microchip Technology

Part # F1509
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1509 Datasheet(HTML) 13 Page - Microchip Technology

Back Button F1509 Datasheet HTML 9Page - Microchip Technology F1509 Datasheet HTML 10Page - Microchip Technology F1509 Datasheet HTML 11Page - Microchip Technology F1509 Datasheet HTML 12Page - Microchip Technology F1509 Datasheet HTML 13Page - Microchip Technology F1509 Datasheet HTML 14Page - Microchip Technology F1509 Datasheet HTML 15Page - Microchip Technology F1509 Datasheet HTML 16Page - Microchip Technology F1509 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 13
PIC16(L)F1508/9
2.0
ENHANCED MID-RANGE CPU
This family of devices contain an enhanced mid-range
8-bit CPU core. The CPU has 49 instructions. Interrupt
capability includes automatic context saving. The
hardware stack is 16 levels deep and has Overflow and
Underflow Reset capability. Direct, Indirect, and
Relative addressing modes are available. Two File
Select Registers (FSRs) provide the ability to read
program and data memory.
• Automatic Interrupt Context Saving
• 16-level Stack with Overflow and Underflow
• File Select Registers
• Instruction Set
FIGURE 2-1:
CORE BLOCK DIAGRAM
15
15
15
15
8
8
8
12
14
7
5
3
Program Counter
MUX
Addr MUX
16-Level Stack
(15-bit)
Program Memory
Read (PMR)
Instruction Reg
Configuration
FSR0 Reg
FSR1 Reg
BSR Reg
STATUS Reg
RAM
WReg
Power-up
Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
Instruction
Decode and
Control
Timing
Generation
Internal
Oscillator
Block
ALU
Flash
Program
Memory
Data Bus
Program
Bus
Direct Addr
Indirect
Addr
RAM Addr
CLKIN
CLKOUT
VDD
VSS
Rev. 10-000055A
7/30/2013
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com