Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB25N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB25N80K5
Description  N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB25N80K5 Datasheet HTML 3Page - STMicroelectronics STB25N80K5 Datasheet HTML 4Page - STMicroelectronics STB25N80K5 Datasheet HTML 5Page - STMicroelectronics STB25N80K5 Datasheet HTML 6Page - STMicroelectronics STB25N80K5 Datasheet HTML 7Page - STMicroelectronics STB25N80K5 Datasheet HTML 8Page - STMicroelectronics STB25N80K5 Datasheet HTML 9Page - STMicroelectronics STB25N80K5 Datasheet HTML 10Page - STMicroelectronics STB25N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID023466 Rev 2
7/22
STB25N80K5, STF25N80K5, STP25N80K5, STW25N80K5
Electrical characteristics
Figure 8. Safe operating area for TO-247
Figure 9. Thermal impedance for TO-247
ID
10
1
0.1
1
100
VDS(V)
10
(A)
10ms
1ms
0.1
Tj=150°C
Tc=25°C
Single pulse
10 µs
100 µs
AM15725v1
Figure 10. Output characteristics
Figure 11. Transfer characteristics
Figure 12. Static drain-source on-resistance
Figure 13. Gate charge vs gate-source voltage
ID
15
10
5
0
0
10
VDS(V)
(A)
5
15
20
6V
7V
8V
20
40
9V
10V
11V
25
30
35
45
AM15726v1
ID
5
0
4
6
VGS(V)
8
(A)
5
7
10
15
VDS=20V
20
25
9
10
30
35
40
45
AM15727v1
RDS(on)
0.15
0.1
0.05
0
4
8
ID(A)
(
Ω)
6
10
0.2
12
18
VGS=10V
14
16
20
0.25
0.3
0.35
0.4
AM15734v1
VGS
6
4
2
0
0
Qg(nC)
(V)
20
8
10
10
300
200
100
0
400
VDS
30
40
500
VDS
(V)
12
600
AM15728v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com