Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW24N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW24N60M2
Description  N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW24N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STW24N60M2 Datasheet HTML 1Page - STMicroelectronics STW24N60M2 Datasheet HTML 2Page - STMicroelectronics STW24N60M2 Datasheet HTML 3Page - STMicroelectronics STW24N60M2 Datasheet HTML 4Page - STMicroelectronics STW24N60M2 Datasheet HTML 5Page - STMicroelectronics STW24N60M2 Datasheet HTML 6Page - STMicroelectronics STW24N60M2 Datasheet HTML 7Page - STMicroelectronics STW24N60M2 Datasheet HTML 8Page - STMicroelectronics STW24N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
May 2013
DocID023964 Rev 4
1/22
22
STB24N60M2, STI24N60M2,
STP24N60M2, STW24N60M2
N-channel 600 V, 0.168
Ω typ., 18 A MDmesh II Plus™ low Qg
Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Lower RDS(on) x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using a new generation of MDmesh™
technology: MDmesh II Plus™ low Qg. These
revolutionary Power MOSFETs associate a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. They are therefore suitable for the
most demanding high efficiency converters.
D(2, TAB)
G(1)
S(3)
AM01476v1
D2PAK
TO-220
TO-247
I2PAK
1
3
2
TAB
1
2
3
TAB
1
2
3
1
2
3
TAB
Order codes
VDS @ TJmax
RDS(on) max
ID
STB24N60M2
650 V
0.19
Ω
18 A
STI24N60M2
STP24N60M2
STW24N60M2
Table 1. Device summary
Order codes
Marking
Package
Packaging
STB24N60M2
24N60M2
D2PAK
Tape and reel
STI24N60M2
I2PAK
Tube
STP24N60M2
TO-220
STW24N60M2
TO-247
www.st.com


Similar Part No. - STW24N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW24N60M6 STMICROELECTRONICS-STW24N60M6 Datasheet
265Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-247 package
August 2018 Rev 1
More results

Similar Description - STW24N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
28-May-2013
STF24N60M2 STMICROELECTRONICS-STF24N60M2 Datasheet
1Mb / 14P
N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
28-May-2013
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
06-Dec-2013
STB24NM60N STMICROELECTRONICS-STB24NM60N Datasheet
899Kb / 15P
N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STL24N60M2 STMICROELECTRONICS-STL24N60M2 Datasheet
1Mb / 16P
N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
STL18N60M2 STMICROELECTRONICS-STL18N60M2 Datasheet
946Kb / 16P
N-channel 600 V, 0.278 Ω typ., 9 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
12-Jun-2014
STB33N60M2 STMICROELECTRONICS-STB33N60M2 Datasheet
1Mb / 15P
N-channel 600 V, 0.108 Ω typ., 26 A MDmesh II Plus™ low Qg Power MOSFETs in a D2PAK package
19-Nov-2013
STL9N60M2 STMICROELECTRONICS-STL9N60M2 Datasheet
1Mb / 16P
N-channel 600 V, 0.76 Ω typ., 4.8 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
17-Mar-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com