Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8557ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8557ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8557ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8557
Rev. C | Page 22 of 24
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8557ACPZ-R2
−40°C to +125°C
16-Lead LFCSP_VQ
CP-16-10
AD8557ACPZ-REEL
−40°C to +125°C
16-Lead LFCSP_VQ
CP-16-10
AD8557ACPZ-REEL7
−40°C to +125°C
16-Lead LFCSP_VQ
CP-16-10
AD8557ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8557ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8557ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
1
Z = RoHS Compliant Part.
AUTOMOTIVE PRODUCTS
The AD8557 models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com