Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1783 Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16F1783
Description  28-Pin 8-Bit Advanced Analog Flash Microcontrollers
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1783 Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16F1783 Datasheet HTML 86Page - Microchip Technology PIC16F1783 Datasheet HTML 87Page - Microchip Technology PIC16F1783 Datasheet HTML 88Page - Microchip Technology PIC16F1783 Datasheet HTML 89Page - Microchip Technology PIC16F1783 Datasheet HTML 90Page - Microchip Technology PIC16F1783 Datasheet HTML 91Page - Microchip Technology PIC16F1783 Datasheet HTML 92Page - Microchip Technology PIC16F1783 Datasheet HTML 93Page - Microchip Technology PIC16F1783 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 444 page
background image
PIC16(L)F1782/3
DS41579C-page 90
Preliminary
 2011-2012 Microchip Technology Inc.
REGISTER 8-7:
PIR4: PERIPHERAL INTERRUPT REQUEST REGISTER42
U-0
U-0
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
—
—
PSMC2TIF
PSMC1TIF
—
—
PSMC2SIF
PSMC1SIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5
PSMC2TIF: PSMC2 Time Base Interrupt Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
bit 4
PSMC1TIF: PSMC1 Time Base Interrupt Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
bit 3-2
Unimplemented: Read as ‘0’
bit 1
PSMC2SIF: PSMC2 Auto-shutdown Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
bit 0
PSMC1SIF: PSMC1 Auto-shutdown Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com